Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPE-121 Datasheet(PDF) 2 Page - CUI Devices

Part # CPE-121
Description  PIEZO BUZZER TRANSDUCER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CPE-121 Datasheet(HTML) 2 Page - CUI Devices

  CPE-121 Datasheet HTML 1Page - CUI Devices CPE-121 Datasheet HTML 2Page - CUI Devices CPE-121 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | MODEL: CPE-121 | DESCRIPTION: PIEZO BUZZER TRANSDUCER
date 08/05/2022 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
PERFORMANCE CURVES
2.9
1.9
29.0
34.0
120.0 5.0
red
blue
black
1.9
1.75
5.0
UL1571 LF 32AWG
24.0
5.0 1.0
P: Voltage vs. Sound Pressure Level
I: Voltage vs. Current Consumption
DRIVING CIRCUIT
WIRE CONNECTIONS
Color
Function
Red
+terminal (M)
Black
-terminal (G)
Blue
feedback (F)
Notes:
1. The current consumption and the sound pressure level are measured by using the recommended driving circuit shown above.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com