Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553MI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS553MI
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS553MI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS553MI Datasheet HTML 1Page - Integrated Circuit Systems ICS553MI Datasheet HTML 2Page - Integrated Circuit Systems ICS553MI Datasheet HTML 3Page - Integrated Circuit Systems ICS553MI Datasheet HTML 4Page - Integrated Circuit Systems ICS553MI Datasheet HTML 5Page - Integrated Circuit Systems ICS553MI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS553
MDS 553 H
1
Revision 080404
Integrat ed Circuit Systems ● 525 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 95-98 00 ● www.ics t.co m
LOW SKEW 1 TO 4 CLOCK BUFFER
Description
The ICS553 is a low skew, single input to four output,
clock buffer. Part of ICS’ ClockBlocksTM family, this is
our lowest skew, small clock buffer.
See the ICS552-02 for a 1 to 8 low skew buffer. For
more than 8 outputs see the MK74CBxxx BuffaloTM
series of clock drivers.
ICS makes many non-PLL and PLL based low skew
output devices as well as Zero Delay Buffers to
synchronize clocks. Contact us for all of your clocking
needs.
Features
• Extremely low skew outputs (50 ps maximum)
• Packaged in 8-pin SOIC
• Available in Pb (lead) free package
• Low power CMOS technology
• Operating Voltages of 2.5 to 5V
• Output Enable pin tri-states outputs
• 5V tolerant input clock
• Industrial temperature
Block Diagram
Q0
ICLK
Q1
Q2
Q3
Output Enable


Similar Part No. - ICS553MI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553M ICST-ICS553M Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
logo
Integrated Device Techn...
ICS553MLF IDT-ICS553MLF Datasheet
92Kb / 8P
nLOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS553MT ICST-ICS553MT Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
More results

Similar Description - ICS553MI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
IDT5T30553 RENESAS-IDT5T30553 Datasheet
256Kb / 9P
LOW SKEW 1 TO 4 CLOCK BUFFER
121013
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com