Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553MIT Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS553MIT
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS553MIT Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS553MIT Datasheet HTML 1Page - Integrated Circuit Systems ICS553MIT Datasheet HTML 2Page - Integrated Circuit Systems ICS553MIT Datasheet HTML 3Page - Integrated Circuit Systems ICS553MIT Datasheet HTML 4Page - Integrated Circuit Systems ICS553MIT Datasheet HTML 5Page - Integrated Circuit Systems ICS553MIT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
MDS 553 H
5
Revision 080404
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 295-9 800 www.icst.com
ICS553
AC Electrical Characteristics
VDD = 2.5V ±5%, Ambient Temperature -40 to +85 °C, unless stated otherwise
VDD = 3.3V ±5%, Ambient Temperature -40 to +85 °C, unless stated otherwise
VDD = 5V ±5%, Ambient Temperature -40 to +85 °C, unless stated otherwise
Notes: 1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
3. Duty cycle on outputs will match incoming clock duty cycle. Consult ICS for tight duty cycle clock
generators.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0V, CL=15pF
1.0
1.5
ns
Output Fall Time
tOF
2.0 to 0.8V, CL=15pF
1.0
1.5
ns
Propagation Delay
Note 1
2.2
3
5
ns
Output to output skew
Note 2
Rising edges at VDD/2
0
50
ps
Device to device skew
Rising edges at VDD/2
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0V, CL=15pF
0.6
1.0
ns
Output Fall Time
tOF
2.0 to 0.8V, CL=15pF
0.6
1.0
ns
Propagation Delay
Note 1
2.0
2.4
4
ns
Output to output skew
Note 2
Rising edges at VDD/2
0
50
ps
Device to device skew
Rising edges at VDD/2
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0V, CL=15pF
0.3
0.7
ns
Output Fall Time
tOF
2.0 to 0.8V, CL=15pF
0.3
0.7
ns
Propagation Delay
Note 1
1.8
2.5
4
ns
Output to output skew
Note 2
Rising edges at VDD/2
0
50
ps
Device to device skew
Rising edges at VDD/2
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com