Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBA09A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # FBA09A
Description  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBA09A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  FBA09A Datasheet HTML 1Page - Panasonic Semiconductor FBA09A Datasheet HTML 2Page - Panasonic Semiconductor FBA09A Datasheet HTML 3Page - Panasonic Semiconductor FBA09A Datasheet HTML 4Page - Panasonic Semiconductor FBA09A Datasheet HTML 5Page - Panasonic Semiconductor FBA09A Datasheet HTML 6Page - Panasonic Semiconductor FBA09A Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FEATURES
LOCKED ROTOR ALARM SIGNAL
Signal given when
fan is running
VH
VL
1 Revolution
2PPR
VH
Axial models
1BS
FBK04F
FAL
FCB
S
S
S
VL
V goes VL to VH
Signal given when
fan is locked up
Available
Models
Part Number
Suffix
2 PULSE PER REVOLUTION SIGNAL
Signal given when
fan is running
VH
VL
If fan locks on VH, signal
stays locked. If fan locks
on VL, signal stays at VL
for a few hundred MS,
then moves to VH.
(A:B ˜1:5; A ≥ 100MS)
Axial models
except:
FBK04F
FBA06T
FBA08T
FCB
FAL
1BX
Signal given when
fan is locked up
Available
Models
Part Number
Suffix
A
B
VL
Lock
In Panaflo FBA series models,
a locked rotor alarm sensor is
available in all models.
For Blowers and Crossflo fans,
a locked sensor can be provided
as an option.
A pulse sensor that transmits
signals when the motor rotates
is also available as an option.
The 2 pulse per revolution
sensor output is available in all
FBA Series models except the
15 mm “T” versions.
Specifications of Various Sensors
Panaflo Built-in Connector System
Lead Wire Connectors:
Style: MASS TERMINATION (standard)
AMP P/N 173977-3
CRIMP TYPE (this style is a 2 piece assembly)
AMP P/N 175778-3 (housing)
AMP P/N 175102-1 (terminal)
Notes:
•Connector style effects lead wire guage.
Please refer to fan specs for further details.
• All axial fans except the FBA06T, FBA08T and FBKO4F
versions come standard with the mass termination
connector. The FBA06T, FBA08T and FBKO4F fan leads are
connected directly to the PC board in the fan assembly.
• All FCB Crossflo models and FAL Blower fan leads are
soldered directly to the PC board in the fan assembly.
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com