Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOXS/040 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FOXS/040
Description  STANDARD CRYSTALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FOXS/040 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FOXS/040 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
© 2003 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +001(239)693-0099 FAX +001(239)693-1554 http://www.foxonline.com
STANDARD
• Inventory Support
• Standard Packages
• Lowest Pricing
• Fox Quality
• Technical Support
CRYSTALS
ESR
Ω
---
---
---
---
200
200
200
150
150
150
150
150
150
150
---
---
---
---
---
80
80
80
80
---
80
---
60
60
60
60
---
60
60
60
60
60
40
40
---
40
40
---
40
---
40
30
30
30
30
30
30
---
---
---
---
---
---
---
FPX
---
---
---
---
FPX036S
FPX0368S
FPX0368-20
FPX040A
FPX040
---
---
---
FPX049
FPX049-20
---
---
---
---
---
FPX073
FPX073-20
FPX080
FPX080-20
---
FPX081-20
---
---
FPX098-20
FPX100
FPX100-20
---
FPX111-20
FPX115-20
FPX120
FPX120-20
FPX128-20
FPX143-20
FPX147-20
---
FPX160
FPX160-20
---
FPX184-20
---
FPX196-20
FPX200
FPX200-20
FPX221-20
FPX240F-20
FPX245F-20
FPX250F-20
---
FPX320-20 *
FPX480-20 *
FPX500-20 *
---
FPX600-20 *
FPX640-20 *
CL
13pF
20pF
20pF
32pF
18pF
SERIES
20pF
SERIES
20pF
20pF
12pF
20pF
SERIES
20pF
20pF
SERIES
20pF
30pF
20pF
SERIES
20pF
SERIES
20pF
SERIES
20pF
SERIES
SERIES
20pF
SERIES
20pF
SERIES
20pF
20pF
SERIES
20pF
20pF
20pF
20pF
20pF
SERIES
20pF
SERIES
20pF
SERIES
20pF
SERIES
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
18pF
20pF
20pF
FREQ
(MHz)
1.843200
2.000000
2.097152
2.457600
3.579545
3.686400
3.686400
4.000000
4.000000
4.096000
4.194304
4.433619
4.915200
4.915200
5.000000
6.000000
6.000000
6.144000
6.144000
7.372800
7.372800
8.000000
8.000000
8.192000
8.192000
9.216000
9.830400
9.830400
10.000000
10.000000
11.000000
11.000000
11.059200
12.000000
12.000000
12.288000
14.318180
14.745600
15.000000
16.000000
16.000000
18.432000
18.432000
19.660800
19.660800
20.000000
20.000000
22.118400
24.000000
24.576000
25.000000
27.000000
32.000000
48.000000
50.000000
56.448000
60.000000
64.000000
HC49U
FOX018S
FOX020S
FOX021S
FOX024S
FOX036S
FOX0368S
FOX0368-20
FOX040A
FOX040
FOX0496-20
FOX041
FOX0443
FOX049
FOX049-20
FOX05A
FOX060
FOX060-20
FOX061
FOX061-20
FOX073
FOX073-20
FOX080
FOX080-20
FOX081
FOX081-20
FOX092
FOX098
FOX098-20
FOX100
FOX100-20
FOX111
FOX111-20
FOX115-20
FOX120
FOX120-20
FOX128-20
FOX143-20
FOX147-20
---
FOX160
FOX160-20
FOX184
FOX184-20
FOX196
FOX196-20
FOX200
FOX200-20
FOX221-20
FOX240F-20
FOX245F-20
FOX250F-20
---
FOX320-20 *
FOX480-20 *
FOX500-20 *
---
FOX600-20 *
FOX640-20 *
HC49S
---
---
---
---
FOXS/036S
FOXS/0368S
FOXS/0368-20
FOXS/040A
FOXS/040
FOXS/0496-20
FOXS/041
FOXS/0443
FOXS/049
FOXS/049-20
---
---
---
---
---
FOXS/073
FOXS/073-20
FOXS/080
FOXS/080-20
---
FOXS/081-20
---
FOXS/098
FOXS/098-20
FOXS/100
FOXS/100-20
---
FOXS/111-20
FOXS/115-20
FOXS/120
FOXS/120-20
FOXS/128-20
FOXS/143-20
FOXS/147-20
---
FOXS/160
FOXS/160-20
---
FOXS/184-20
---
FOXS/196-20
FOXS/200
FOXS/200-20
FOXS/221-20
FOXS/240F-20
FOXS/245F-20
FOXS/250F-20
---
---
---
---
---
---
---
---
---
---
---
200
200
200
150
150
---
---
---
150
150
---
---
---
---
80
80
80
80
---
80
---
---
60
60
60
---
60
60
60
60
60
40
40
---
40
40
---
40
---
40
30
30
30
30
30
30
---
100
100
100
---
100
100
HC49SD
---
---
---
---
FOXSD/036S
---
FOXSD/0368-20
---
FOXSD/040
---
FOXSD/041
FOXSD/0443
---
FOXSD/049-20
FOXSD/05A
---
FOXSD/060-20
---
---
---
FOXSD/073-20
---
FOXSD/080-20
---
FOXSD/081-20
---
---
FOXSD/098-20
---
FOXSD/100-20
---
FOXSD/111-20
FOXSD/115-20
---
FOXSD/120-20
FOXSD/128-20
FOXSD/143-20
FOXSD/147-20
---
---
FOXSD/160-20
---
FOXSD/184-20
---
FOXSD/196-20
---
FOXSD/200-20
FOXSD/221-20
FOXSD/240F-20
FOXSD/245F-20
FOXSD/250F-20
FOXSD/270F-20
FOXSD/320-20 *
FOXSD/480-20 *
FOXSD/500-20 *
FOXSD/564-18 *
FOXSD/600-20 *
FOXSD/640-20 *
---
---
---
---
200
---
200
----
150
---
150
150
---
150
120
---
120
---
---
---
80
---
80
---
80
---
---
60
---
60
---
60
60
---
60
60
40
40
---
---
40
---
40
---
40
---
30
30
30
30
30
30
100
100
100
100
100
100
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
FE098-20
60
---
---
FE100-20
60
---
---
---
---
FE115-20
60
---
---
---
---
---
---
FE143-20
60
FE147-20
60
FE150-20
60
---
---
FE160-20
60
---
---
---
---
---
---
---
---
---
---
FE200-20
40
FE221-20
40
FE240F-20
40
FE245F-20
40
FE250F-20
40
ESR
Ω
MAX
---
---
---
---
---
---
---
---
---
---
---
---
---
---
ESR
Ω
MAX
ESR
Ω
MAX
ESR
Ω
MAX
ESR
Ω
MAX
FE
FPX
Please Refer To Specification Sheets For Details
* 3rd Overtone. "F" suffix denotes fundamental Rev. 02/10/03
800
500
500
300
120
120
120
100
100
100
100
70
55
55
50
40
40
40
40
40
40
35
35
35
35
35
35
35
30
30
30
30
30
30
30
30
25
25
---
25
25
20
20
20
20
20
20
20
20
20
20
---
40
40
40
---
40
40
*Optional third lead, vinyl sleeves (HC49U only), and mylar spacer.
All specifications subject to change without notice..
** Measurements are displayed in Millimeters.
HC49U*
±30PPM
±50PPM
-20°C ~ +70°C
HC49S/49SD
±30PPM
±50PPM
-20°C ~ +70°C
FPX
±50PPM
±100PPM
-10°C ~ +70°C
PARAMETER
Frequency Tolerance @ 25°C
Frequency Stability
Operating Temperature Range
FE
±50PPM
±50PPM
-10°C ~ +60°C
• FOX STANDARD SPECIFICATIONS


Similar Part No. - FOXS/040

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOXSDLF FOX-FOXSDLF Datasheet
350Kb / 3P
Resistance Weld SMD Crystal
FOXSDLF0368-20 FOX-FOXSDLF0368-20 Datasheet
449Kb / 2P
Resistance Weld SMD Crystal
FOXSDLF0368-20 FOX-FOXSDLF0368-20 Datasheet
350Kb / 3P
Resistance Weld SMD Crystal
FOXSDLF0368R-20 FOX-FOXSDLF0368R-20 Datasheet
350Kb / 3P
Resistance Weld SMD Crystal
FOXSDLF036S FOX-FOXSDLF036S Datasheet
449Kb / 2P
Resistance Weld SMD Crystal
More results

Similar Description - FOXS/040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31SMX ETC-31SMX Datasheet
105Kb / 1P
STANDARD LOW FREQUENCY SMD CRYSTALS
logo
CTS Corporation
ATP-SM CTS-ATP-SM Datasheet
157Kb / 2P
Standard Crystals
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
CRYSTALS
logo
MTRONPTI
ATS-1 MTRONPTI-ATS-1_07 Datasheet
314Kb / 2P
Crystals
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
Crystals
logo
EUROQUARTZ limited
95SMX EUROQUARTZ-95SMX Datasheet
133Kb / 1P
CRYSTALS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com