Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRS25N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEDRS25N
Description  LED Highly-Diffused Light (25 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LEDRS25N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEDRS25N Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDRS25N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Highly-Diffused Light Model
Features
• Designed to minimize surface textures and elevation changes, while providing
uniform illumination over the field of view
• 25 mm x 25 mm light aperture
• Provides uniform lighting for specular surfaces
• Black anodized aluminum housing
• The suggested field of view is 12 mm x 12 mm and the suggested stand off is 25 mm
LED Highly-Diffused Light (25 mm)
†
This model is not stocked and is non-returnable.
Printed in USA
05/01
P/N 67441
115.3 mm
(4.54")
61.3 mm
(2.41")
25.4 mm
(1.00")
M6 x 1.0 Thru (2x)
40.1 mm
(1.58")
25 mm
(0.98")
Light Aperture
0.5 m
(18")
25 mm
(0.98")
Light Aperture
22.3 mm
(0.88")
Models
Illumination
Type
Color
Cable
Supply
Voltage
Supply
Current
Connections
LEDRS25N†
Continuous
highly-diffused
light
Red 640 nm
0.5 m (18")
terminated
with 9-pin
D-sub
connector
(male pins)
12V dc ±10%
with voltage
regulation of ±1%
420 mA max.
Pin 3 = dc common
Pin 4 = +V
Power supply model
PSA-12(E) or
PS2V-12(E)
is recommended
(see other side)
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner Engineering Corp. will repair or replace, free of
charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty period. This warranty does not cover
damage or liability for the improper application of Banner products. This warranty is in lieu of any other warranty either expressed or implied.
Environmental Rating
IEC IP20; NEMA 1
Operating Conditions
Temperature: 0° to 40°C (+32° to 104°F)
Maximum relative humidity: 95% at 40°C (non-condensing)
Useful Life
60,000 hours


Similar Part No. - LEDRS25N

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDRS50L11-XQ BANNER-LEDRS50L11-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
LEDRS50L20-XQ BANNER-LEDRS50L20-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
LEDRS50L5-XQ BANNER-LEDRS50L5-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
logo
List of Unclassifed Man...
LEDRS75N ETC1-LEDRS75N Datasheet
45Kb / 2P
LED Highly-Diffused Lights (75 mm)
LEDRS75N-S ETC1-LEDRS75N-S Datasheet
45Kb / 2P
LED Highly-Diffused Lights (75 mm)
More results

Similar Description - LEDRS25N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LRZ18X SIEMENS-LRZ18X Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
3 mm (T1) LED, Non Diffused
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
Vishay Siliconix
TLPG5600 VISHAY-TLPG5600 Datasheet
301Kb / 9P
Sideview LED, 5 mm Tinted Diffused
31-Aug-04
logo
List of Unclassifed Man...
LEDRS75N ETC1-LEDRS75N Datasheet
45Kb / 2P
LED Highly-Diffused Lights (75 mm)
logo
NTE Electronics
NTE3018 NTE-NTE3018 Datasheet
55Kb / 2P
Light Emitting Diode (LED) Red Diffused, 5mm
NTE3019 NTE-NTE3019 Datasheet
67Kb / 2P
Light Emitting Diode (LED) Red Diffused, 5mm
NTE3030 NTE-NTE3030 Datasheet
73Kb / 2P
Light Emitting Diode (LED) Diffused Red, Blinking
logo
Banner Engineering Corp...
LEDWO25N BANNER-LEDWO25N Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com