Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDGS75N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEDGS75N
Description  LED Highly-Diffused Lights (75 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LEDGS75N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEDGS75N Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDGS75N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Highly-Diffused Lights (75 mm)
†
These models are not stocked and are non-returnable.
Printed in USA
05/01
P/N 67442
LED Highly-Diffused Light Models
25.8 mm
(1.02")
138.4 mm
(5.45")
75 mm
(2.95")
Light Aperture
77.0 mm
(3.03)
M6 x 1.0
6.4 (0.25") DEEP (4x)
12.7 mm
(0.50")
12.7 mm
(0.50")
25.4 mm
(1.00")
25.4 mm
(1.00")
25.4 mm
(1.00")
See
Table
82.6 mm
(3.25")
75 mm
(2.95")
Light Aperture
Models
Illumination
Type
Color
Cable
Supply
Voltage
Supply
Current
Connections
LEDRS75N†
Continuous
highly-diffused
light
Red 640 nm
0.5 m (18")
terminated
with 9-pin
D-sub
connector
(male pins)
12V dc ±10%
with voltage
regulation of ±1%
980 mA max.
Pin 1 = +V fan
Pin 2 = dc common fan
Pin 3 = dc common
Pin 4 = +V
Power supply model
PSA-12(E) or
PS2V-12(E)
is recommended
(see other side)
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner Engineering Corp. will repair or replace, free of
charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty period. This warranty does not cover
damage or liability for the improper application of Banner products. This warranty is in lieu of any other warranty either expressed or implied.
Features
• Designed to minimize surface textures and elevation changes, while providing
uniform illumination over the field of view
• 59 mm x 75 mm light aperture
• The suggested field of view is 38 mm in diameter and the suggested stand off is 25 mm
• Black anodized aluminum housing
Environmental Rating
IEC IP20; NEMA 1
Operating Conditions
Temperature: 0° to 40°C (+32° to 104°F)
Maximum relative humidity: 95% at 40°C (non-condensing)
Useful Life
Green model: 50,000 hours; Red models: 60,000 hours.
Note: actual useful life of strobed lights depends on duty cycle
Green 530 nm
LEDRS75N-S†
Strobed
highly-diffused
light
Red 640 nm
24V dc ±10%
with voltage
regulation of ±1%
7.0 A max.
1 ms pulse
Pin 4 or 5 = +V
Pin 1 or 6 = dc common
Use strobe control
module model SCM
(see other side)
LEDGS75N†
1.0 A max.
1.8 m (6')
terminated
with 9-pin
D-sub
connector
(male pins)


Similar Part No. - LEDGS75N

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDGS50L11-XQ BANNER-LEDGS50L11-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
LEDGS50L20-XQ BANNER-LEDGS50L20-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
LEDGS50L5-XQ BANNER-LEDGS50L5-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
LEDGSM BANNER-LEDGSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
LEDGSW BANNER-LEDGSW Datasheet
176Kb / 2P
LED..SW Series Spot Lights
More results

Similar Description - LEDGS75N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LRZ18X SIEMENS-LRZ18X Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
List of Unclassifed Man...
LEDRS25N ETC1-LEDRS25N Datasheet
41Kb / 2P
LED Highly-Diffused Light (25 mm)
logo
Altech corporation
2PLLXL ALTECH-2PLLXL Datasheet
492Kb / 1P
Lenses for 22 mm Pilot Lights with LED
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDRI150-3W BANNER-LEDRI150-3W Datasheet
234Kb / 2P
LED..I150-3.. Low-Angle LED Ring Lights (150 mm)
LEDRO50M BANNER-LEDRO50M Datasheet
391Kb / 3P
LED..O..M Series Diffused On-Axis Lights
LEDWO25N BANNER-LEDWO25N Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
LEDWO75N BANNER-LEDWO75N Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com