Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT240 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HCT240
Description  Octal buffer/line driver; 3-state; inverting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT240 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HCT240 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT240 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT240 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT240 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT240 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT240 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT240 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT240 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT240 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
5. Pinning information
5.1. Pinning
74HC240
74HCT240
1OE
VCC
1A0
2OE
2Y0
1Y0
1A1
2A0
2Y1
1Y1
1A2
2A1
2Y2
1Y2
1A3
2A2
2Y3
1Y3
GND
2A3
001aag233
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Fig. 4. Pin configuration SOT163-1 (SO20) and
SOT360-1 (TSSOP20)
001aag234
74HC240
74HCT240
Transparent top view
1Y3
1A3
2Y3
GND(1)
2A2
2Y2
1Y2
1A2
2A1
2Y1
1Y1
1A1
2A0
2Y0
1Y0
1A0
2OE
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 5. Pin configuration SOT764-1 (DHVQFN20)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1OE, 2OE
1, 19
output enable input (active LOW)
1A0, 1A1, 1A2, 1A3
2, 4, 6, 8
data input
2Y0, 2Y1, 2Y2, 2Y3
3, 5, 7, 9
bus output
GND
10
ground (0 V)
2A0, 2A1, 2A2, 2A3
17, 15, 13, 11
data input
1Y0, 1Y1, 1Y2, 1Y3
18, 16, 14, 12
bus output
VCC
20
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Input
Output
nOE
nAn
nYn
L
L
H
L
H
L
H
X
Z
74HC_HCT240
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 2 September 2021
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com