Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT240D Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74HCT240D
Description  Octal buffer/line driver; 3-state; inverting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT240D Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HCT240D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT240D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT240D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT240D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT240D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT240D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT240D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT240D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT240D Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Nexperia
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
10. Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; for test circuit see Fig. 8.
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min Typ Max Min
Max
Min
Max
Unit
74HC240
nAn to nYn; see Fig. 6
[1]
VCC = 2.0 V
-
30 100
-
125
-
150 ns
VCC = 4.5 V
-
11
20
-
25
-
30
ns
VCC = 5.0 V; CL = 15 pF
-
9
-
-
-
-
-
ns
tpd
propagation delay
VCC = 6.0 V
-
9
17
-
21
-
26
ns
nOE to nYn; see Fig. 7
[2]
VCC = 2.0 V
-
39 150
-
190
-
225 ns
VCC = 4.5 V
-
14
30
-
38
-
45
ns
ten
enable time
VCC = 6.0 V
-
11
26
-
33
-
38
ns
nOE to nYn or see Fig. 7
[3]
VCC = 2.0 V
-
41 150
-
190
-
225 ns
VCC = 4.5 V
-
15
30
-
38
-
45
ns
tdis
disable time
VCC = 6.0 V
-
12
26
-
33
-
38
ns
see Fig. 6
[4]
VCC = 2.0 V
-
14
60
-
75
-
90
ns
VCC = 4.5 V
-
5
12
-
15
-
18
ns
tt
transition time
VCC = 6.0 V
-
4
10
-
13
-
15
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC
[5]
-
30
-
-
-
-
-
pF
74HCT240
nAn to nYn; see Fig. 6
[1]
VCC = 4.5 V
-
11
20
-
25
-
30
ns
tpd
propagation delay
VCC = 5.0 V; CL = 15 pF
-
9
-
-
-
-
-
ns
ten
enable time
nOE to nYn; VCC = 4.5 V;
see Fig. 7
[2]
-
13
30
-
38
-
45
ns
tdis
disable time
nOE to nYn; VCC = 4.5 V;
see Fig. 7
[3]
-
13
25
-
31
-
38
ns
tt
transition time
VCC = 4.5 V; see Fig. 6
[4]
-
5
12
-
15
-
18
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC - 1.5 V [5] -
30
-
-
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] ten is the same as tPZH and tPZL.
[3] tdis is the same as tPHZ and tPLZ.
[4] tt is the same as tTHL and tTLH.
[5] CPD is used to determine the dynamic power dissipation (PD in μW): PD = CPD × VCC 2 × fi × N + Σ (CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ (CL × VCC 2 × fo) = sum of outputs.
74HC_HCT240
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 2 September 2021
6 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com