Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFL18ST Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NFL18ST
Description  On-Board Type (DC) EMI Suppression Filters (EMIFIL)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFL18ST Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NFL18ST Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFL18ST Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFL18ST Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
92
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NFL18SP Series
The chip "EMIFIL" NFL18SP series is an EMI
suppression filter for high speed signal lines,
achieving pi-type structure in 0603 size with Murata's
multilayer technology.
s Features
1. Ultra-small size in 1.6x0.8x0.6 mm
2. Achieves high performance in noise suppression over
wide frequency range
3. Steep insertion loss characteristics realize
excellent noise suppression and prevent distortion
of signal waveform.
4. Line up 4 items of cut off frequency range from 150
to 500MHz
s Applications
EMI suppression for digital signal line such as RGB
and high speed clock lines
0.2 min.
1.6
±0.1
0.4
±0.1
0.3
±0.1
0.3
±0.1
0.15
±0.1
(in mm)
0.15
±0.1
0.15
±0.1
Part Number
Cut-off Frequency
(MHz)
Capacitance
(pF)
Inductance
(nH)
Rated
Voltage
(Vdc)
Rated
Current
(mA)
Insulation
Resistance
(M ohm)
Operating
Temperature Range
(
°C)
NFL18SP157X1A3
150
34 +20%,-20%
100 +20%,-20%
10
100
1000
-55 to 125
NFL18SP207X1A3
200
24 +20%,-20%
80 +20%,-20%
10
100
1000
-55 to 125
NFL18SP307X1A3
300
19 +20%,-20%
60 +20%,-20%
10
100
1000
-55 to 125
NFL18SP507X1A3
500
11 +20%,-20%
38 +20%,-20%
10
100
1000
-55 to 125
Number of Circuits : 1
s Equivalent Circuit
GND
(2)
(1) Input
Output (3)
No polarity.
s Insertion Loss Characteristics (Typical)
0
10
20
30
40
50
60
70
1
10
100
1000
Frequency (MHz)
2000
NFL18SP207X1A3
NFL18SP157X1A3
NFL18SP307X1A3
NFL18SP507X1A3
50-50
Ω
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E11.pdf 04.3.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com