Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC273 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC273
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC273 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC273 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC273 Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Nexperia
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
UNIT
A1
A2
A3
bp
c
D (1)
E (2)
(1)
e
HE
L
Lp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
6.6
6.4
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.5
0.2
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT360-1
MO-153
99-12-27
03-02-19
w M
bp
D
Z
e
0.25
1
10
20
11
pin 1 index
θ
A
A1
A2
Lp
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
A
max.
1.1
Fig. 12. Package outline SOT360-1 (TSSOP20)
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 6 September 2021
13 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com