Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7327 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7327
Description  Single-phase DC Brushless Motor Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7327 Datasheet(HTML) 7 Page - New Japan Radio

  NJU7327 Datasheet HTML 1Page - New Japan Radio NJU7327 Datasheet HTML 2Page - New Japan Radio NJU7327 Datasheet HTML 3Page - New Japan Radio NJU7327 Datasheet HTML 4Page - New Japan Radio NJU7327 Datasheet HTML 5Page - New Japan Radio NJU7327 Datasheet HTML 6Page - New Japan Radio NJU7327 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJU7327
-7 -
Given that the bias current is set to be 5mA by HW101A datasheet, R1 and R2 can be determined as follows:
The output voltage of hall elements is influenced by the bias current and magnetic flux density of hall elements.
The optimum input voltage of NJU7327 is 100mVp-p and higher. With such input voltage, the highest efficiency can
be obtained.
4. Design of FG output resistance (R3)
FG Out (FG: Pin8) is an open drain output and R3 is a pull up register. A typical value of R3 is 10k
Ω.
The timing chart of FG Out is as follows.
Note that the pull up resistance shall be connected to below supply voltage.
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
Ω
=
=
Ω
=
×
=
=
+
+
−
k
R
R
k
Ihbias
VDD
Rin
R
R
1
2
1
4
.
2
10
5
12
2
1
3
Hall input
IN+
FG Terminal voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com