Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2501 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C2501
Description  Phase-Locked Loop Clock Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2501 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C2501 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2501 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2501 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2501 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8381A
07/17/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2501
Phase-Locked Loop Clock Driver
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
VI
e
g
n
a
r
e
g
a
tl
o
v
t
u
p
n
I
5
.
0
-V C
C
5
.
0
+V
VO
e
g
n
a
r
e
g
a
tl
o
v
t
u
p
t
u
O
I
C
D
_
O
t
n
e
rr
u
c
t
u
p
t
u
o
C
D
0
0
1A
m
r
e
w
o
PT
t
a
n
o
it
a
p
i
s
si
d
r
e
w
o
p
m
u
m
i
x
a
M
A
5
5
=
o
ri
a
ll
it
s
n
i
C0
.
1W
T G
T
S
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S5
6
–0
5
1
oC
DC Specifications (Absolute maximum ratings over operating free-air temperature range)
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
TV C
C
.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I C
C
VI V
=
C
C
I
;
D
N
G
r
o
O
0
=
)
1
(
V
6
.
30
1
µA
CI
VI V
=
C
C
D
N
G
r
o
V
3
.
3
4
F
p
CO
VO V
= C
C
D
N
G
r
o6
Note:
Stress beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
Recommended Operating Conditions
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
v
y
l
p
p
u
S0
.
36
.
3
V
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
h
g
i
H0
.
2
V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
w
o
L8
.
0
VI
e
g
a
tl
o
v
t
u
p
n
I0
V C
C
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
rf
g
n
it
a
r
e
p
O0
0
7C
º
PinFunctions
e
m
a
N
n
i
P.
o
N
n
i
Pe
p
y
Tn
o
it
p
i
r
c
s
e
D
N
I
_
K
L
C8
I
.t
u
p
n
i
k
c
o
l
C
e
c
n
e
r
e
f
e
RN
I
_
K
L
C.t
u
p
n
i
k
c
o
l
c
m
u
rt
c
e
p
s
d
a
e
r
p
s
s
w
o
ll
a
B
F _ N
I5
I
.t
u
p
n
i
k
c
a
b
d
e
e
FB
F _ N
I.
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
k
c
a
b
d
e
e
f
e
h
t
s
e
d
i
v
o
r
p
T
U
O
_
K
L
C3
O
d
e
d
d
e
b
m
e
n
a
s
a
h
t
u
p
t
u
o
e
h
T
.
N
I
_
K
L
C
f
o
y
p
o
c
w
e
k
s
-
w
o
l
a
s
e
d
i
v
o
r
p
t
u
p
t
u
o
si
h
T
.t
u
p
t
u
o
k
c
o
l
C
.r
o
t
si
s
e
r
g
n
i
p
m
a
d
-
s
ei
r
e
s
V
A C
C
7r
e
w
o
P
V
A
.y
l
p
p
u
s
r
e
w
o
p
g
o
l
a
n
A
C
C
V
A
n
e
h
W
.
e
s
o
p
r
u
p
t
s
e
t
r
o
f
L
L
P
e
h
t
s
s
a
p
y
b
o
t
d
e
s
u
o
sl
a
e
b
n
a
c
C
C
.s
t
u
p
t
u
o
e
ci
v
e
d
e
h
t
o
t
y
lt
c
e
ri
d
d
e
r
e
ff
u
b
si
N
I
_
K
L
C
d
n
a
d
e
s
s
a
p
y
b
si
L
L
P
,
d
n
u
o
r
g
o
t
d
e
p
p
a
rt
s
si
D
N
G
A1
d
n
u
o
r
G
.y
rt
i
u
c
ri
c
g
o
l
a
n
a
e
h
t
r
o
f
e
c
n
e
r
e
f
e
r
d
n
u
o
r
g
e
h
t
s
e
d
i
v
o
r
p
D
N
G
A
.
d
n
u
o
r
g
g
o
l
a
n
A
V C
C
4r
e
w
o
P.y
l
p
p
u
s
r
e
w
o
P
D
N
G6
,
2d
n
u
o
r
G.
d
n
u
o
r
G
Note:
1. Continuous Output Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com