Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST100 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BST100
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST100 Datasheet(HTML) 4 Page - NXP Semiconductors

  BST100 Datasheet HTML 1Page - NXP Semiconductors BST100 Datasheet HTML 2Page - NXP Semiconductors BST100 Datasheet HTML 3Page - NXP Semiconductors BST100 Datasheet HTML 4Page - NXP Semiconductors BST100 Datasheet HTML 5Page - NXP Semiconductors BST100 Datasheet HTML 6Page - NXP Semiconductors BST100 Datasheet HTML 7Page - NXP Semiconductors BST100 Datasheet HTML 8Page - NXP Semiconductors BST100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
April 1995
4
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BST100
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source breakdown voltage
−I
D =10 µA; VGS =0
−V(BR)DSS
min.
60 V
Drain-source leakage current
−VDS = 48 V; VGS =0
−IDSS
max.
1
µA
Gate-source leakage current
−VGS = 20 V; VDS =0
−IGSS
max.
100 nA
Gate threshold voltage
min.
max.
1.5
3.5
V
V
−ID = 1 mA; VDS =VGS
−VGS(th)
Drain-source ON-resistance
typ.
max.
4.5
6
Ω
Ω
−ID = 200 mA; −VGS = 10 V
RDS(on)
Transfer admittance
−I
D = 200 mA; −VDS = 15 V
 Yfs
typ.
200 mS
Input capacitance at f = 1 MHz
typ.
max.
55
70
pF
pF
−V
DS = 10 V; VGS =0
Ciss
Output capacitance at f = 1 MHz
typ.
max.
30
45
pF
pF
−VDS = 10 V; VGS =0
Coss
Feedback capacitance at f = 1 MHz
typ.
max.
8
12
pF
pF
−VDS = 10 V; VGS = 0
Crss
Switching times (see Figs 2 and 3)
ton
toff
typ.
typ.
4
20
ns
ns
−ID = 200 mA; −VDD = 50 V; −VGS = 0 to 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com