Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9166 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT9166
Description  300/600mA, Ultra-Fast Transient Response LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9166 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT9166 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9166 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9166/A
Preliminary
2
DS9166/A-09 October 2004
www.richtek.com
Typical Application Circuit
Functional Pin Description
Function Block Diagram
Note: To prevent oscillation, a 1
µµµµµF minimum X7R or X5R dielectric is strongly recommended if ceramics are
used as input/output capacitors. When using the Y5V dielectric, the minimum value of the input/output
capacitance that can be used for stable over full operating temperature range is 3.3
µµµµµF. (see Application
Information Section for further details)
Pin Name
Pin Function
VIN
Supply Input
VOUT
Regulator Output
GND
Common Ground
VIN
GND
VOUT
RT9166/A
C
OUT
1uF
C
IN
1uF
V
IN
V
OUT
Current
Limiting
Sensor
Thermal
Shutdown
-
Error
Amplifier
1.2V
Reference
VIN
GND
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com