Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST120 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BST120
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST120 Datasheet(HTML) 5 Page - NXP Semiconductors

  BST120 Datasheet HTML 1Page - NXP Semiconductors BST120 Datasheet HTML 2Page - NXP Semiconductors BST120 Datasheet HTML 3Page - NXP Semiconductors BST120 Datasheet HTML 4Page - NXP Semiconductors BST120 Datasheet HTML 5Page - NXP Semiconductors BST120 Datasheet HTML 6Page - NXP Semiconductors BST120 Datasheet HTML 7Page - NXP Semiconductors BST120 Datasheet HTML 8Page - NXP Semiconductors BST120 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
April 1995
5
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BST120
Fig.2 Switching times test circuit.
handbook, halfpage
MBB689
50
Ω
VDD = −50 V
ID
0 V
−10 V
Fig.3 Input and output waveforms.
handbook, halfpage
MBB690
10 %
90 %
90 %
10 %
ton
toff
OUTPUT
INPUT
Fig.4
Drain current vs ON-resistance;
Tj =25 °C; typical values.
handbook, halfpage
16
4
8
6
ID
(mA)
RDSon (Ω)
10
12
14
−103
−102
−10
MDA776
VGS = −10 V
−7.5 V
−6 V
−5 V
−4.5 V
Fig.5
Transfer characteristics; Tj =25 °C;
−VDS = 10 V; typical values.
handbook, halfpage
0
−10
−1
0
−0.2
−0.4
−0.6
−0.8
−2
−4
−6
ID
(A)
−8
MDA777
VGS (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com