Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC236P Datasheet(PDF) 13 Page - Texas Instruments

Part # TC236P
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC236P Datasheet(HTML) 13 Page - Texas Instruments

Back Button TC236P Datasheet HTML 9Page - Texas Instruments TC236P Datasheet HTML 10Page - Texas Instruments TC236P Datasheet HTML 11Page - Texas Instruments TC236P Datasheet HTML 12Page - Texas Instruments TC236P Datasheet HTML 13Page - Texas Instruments TC236P Datasheet HTML 14Page - Texas Instruments TC236P Datasheet HTML 15Page - Texas Instruments TC236P Datasheet HTML 16Page - Texas Instruments TC236P Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TC236P
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS055A – JUNE 1996 – REVISED APRIL 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
optical characteristics, TA = 40°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Sensitivity (see Note 10)
No IR filter
256
mV/lux
Sensitivity (see Note 10)
With IR filter
32
mV/lux
Saturation signal, Vsat (see Note 11)
Antiblooming disabled
390
mV
Maximum usable signal, Vuse
Antiblooming enabled
180
mV
Blooming-overload ratio (see Note 12)
1000
Image-area well capacity
22 k
30 k
38 k
electrons
Smear (see Note 13)
See Note 14
–78
dB
Dark current
TA = 21°C
0.05
nA/cm2
Dark signal
TA = 45°C
1
mV
Dark-signal uniformity
TA = 45°C
0.5
mV
Dark-signal shading
TA = 45°C
0.5
mV
Spurious nonuniformity
Dark
TA = 45°C
10
mV
Spurious nonuniformity
Illuminated, F#8
TA = 45°C
15
%
Column uniformity
0.5
mV
Electronic-shutter capability
1/50,000
1/60
s
NOTES: 10. Theoretical value
11. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
12. Blooming is the condition in which charge is induced in an element by light incident on another element. Blooming-overload ratio
is the ratio of blooming exposure to saturation exposure.
13. Smear is a measure of the error introduced by transferring charge through an illuminated pixel in shutterless operation. It is equivalent
to the ratio of the single-pixel transfer time to the exposure time using an illuminated section that is 1/10 of the image-area vertical
height with recommended clock frequencies.
14. The exposure time is 16.67 ms, the fast-dump clocking rate during vertical transfer is 12.5 MHz, and the illuminated section is 1/10
the height of the image section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com