Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS186LE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QS186LE
Description  Emissores Laser
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QS186LE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  QS186LE Datasheet HTML 1Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 2Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 3Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 4Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 5Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 6Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 7Page - List of Unclassifed Manufacturers QS186LE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Emissor Laser QS186LE
página
7
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
SMB46A
• Conjunto de montagem de aço inoxidavel, ajustável com duas peças, 12 posições
• Inclui chave hexagonal 2 mm para ajuste preciso do alinhamento do sensor
Suportes de Montagem
31.8 mm
(1.25")
2x 7.1 mm
(0.28")
2x 11.4 mm
(0.45")
Abertura de 8x M5 or #10
14.0 mm
(0.55")
60º
60º
ø30.5mm
(1.20")
ø6.6mm
(0.26")
61.0 mm
(2.40")
43.0 mm
(1.69")
64.5 mm
(2.54")
ø18.3 mm
(0.72")
Instalação
Para montar o QS186LE nos suportes modelos SMB18A ou SMB46A, insira o emissor
laser no orifício do suporte, então aperte a porca de aperto até o suporte, assim o emissor
é preso levemente no lugar. Monte o suporte usando seus próprios parafusos (SMB18A
parafusos M4 ou #8; SMB46A usa parafusos M5 ou #10), e verifique o alinhamento
(consulte a página 2).
Se estiver usando o suporte ajustável (modelo SMB46A), aperte ou frouxe um ou dois dos
parafusos de alinhamento de precisão (use a chave Allen 2 mm fornecida) até que o laser
esteja alinhado precisamente.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com