Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC56LD Datasheet(PDF) 21 Page - Synaptics Incorporated.

Part # RC56LD
Description  Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56LD Datasheet(HTML) 21 Page - Synaptics Incorporated.

Back Button RC56LD Datasheet HTML 14Page - Synaptics Incorporated. RC56LD Datasheet HTML 15Page - Synaptics Incorporated. RC56LD Datasheet HTML 16Page - Synaptics Incorporated. RC56LD Datasheet HTML 17Page - Synaptics Incorporated. RC56LD Datasheet HTML 18Page - Synaptics Incorporated. RC56LD Datasheet HTML 19Page - Synaptics Incorporated. RC56LD Datasheet HTML 20Page - Synaptics Incorporated. RC56LD Datasheet HTML 21Page - Synaptics Incorporated. RC56LD Datasheet HTML 22Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
,QWHJUDWHG9.IOH[99ELV0RGHP'HYLFH6HWV
5&/'5&/'DQG5&/'
MD213
Conexant
21
Electrical and Environmental Specifications
The current and power requirements are listed in Table 2.
The absolute maximum ratings are listed in Table 3.
7DEOH  &XUUHQW DQG 3RZHU 5HTXLUHPHQWV
Current (ID)
Power (PD)
Mode
Typical Current
(mA)
Maximum Current
(mA)
Typical Power
(mW)
Maximum Power
(mW)
Notes
MCU/MCUP
fIN = 28.224 MHz
Normal Mode
50
60
165
200
Sleep Mode
3
—
10
—
MDP
f = 28.224 MHz
Normal Mode
75
84
250
300
Sleep Mode
10
—
33
—
SCP
fIN = 56.448 MHz
Normal Mode
110
120
550
630
Sleep Mode
10
—
50
—
Notes:
1.
Test conditions:
MCU and MDP: VCC = +3.3 VDC for typical values; VCC = +3.6 VDC for maximum values;
SCP: VCC = +5.0 VDC for typical values; VCC = +5.25 VDC for maximum values.
2.
Operating Voltage:
MCU and MDP: +3.3V ± 0.3V;
SCP: +5V ± 5%.
3.
Input Ripple:
≤ 0.1 Vpeak-peak.
4.
f = Internal frequency.
7DEOH  $EVROXWH 0D[LPXP 5DWLQJV
Parameter
Symbol
Limits
Units
Supply Voltage
V
DD
-0.5 to +4.6
V
Input Voltage
V
IN
-0.5 to (VGG +0.5)*
V
Operating Temperature Range
T
A
-0 to +70
°C
Storage Temperature Range
T
STG
-55 to +125
°C
Analog Inputs
V
IN
-0.3 to (VAA + 0.3)
V
Voltage Applied to Outputs in High Impedance (Off) State
V
HZ
-0.5 to (VGG + 0.5)*
V
DC Input Clamp Current
I
IK
±20
mA
DC Output Clamp Current
I
OK
±20
mA
Static Discharge Voltage (25°C)
V
ESD
±2500
V
Latch-up Current (25°C)
I
TRIG
±400
mA
* VGG = +5V ± 5% or +3.3V ± 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com