Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST50 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BST50
Description  NPN Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST50 Datasheet(HTML) 4 Page - NXP Semiconductors

  BST50 Datasheet HTML 1Page - NXP Semiconductors BST50 Datasheet HTML 2Page - NXP Semiconductors BST50 Datasheet HTML 3Page - NXP Semiconductors BST50 Datasheet HTML 4Page - NXP Semiconductors BST50 Datasheet HTML 5Page - NXP Semiconductors BST50 Datasheet HTML 6Page - NXP Semiconductors BST50 Datasheet HTML 7Page - NXP Semiconductors BST50 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 26
4
Philips Semiconductors
Product specification
NPN Darlington transistors
BST50; BST51; BST52
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single sided copper, tinplated, mounting pad for collector 6 cm2.
For other mounting conditions, see
“Thermal considerations for SOT89 in the General Part of associated Handbook”.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
96
K/W
Rth j-s
thermal resistance from junction to soldering point
16
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICES
collector cut-off current
BST50
VBE = 0; VCE =45V
−−
50
nA
BST51
VBE = 0; VCE =60V
−−
50
nA
BST52
VBE = 0; VCE =80V
−−
50
nA
IEBO
emitter cut-off current
IC = 0; VEB =4V
−−
50
nA
hFE
DC current gain
VCE = 10 V; note 1; (see Fig.2)
IC = 150 mA
1000
−−
IC = 500 mA
2000
−−
VCEsat
collector-emitter saturation
voltage
IC = 500 mA; IB = 0.5 mA
−−
1.3
V
IC = 500 mA; IB = 0.5 mA;
Tj = 150 °C
−−
1.3
V
VBEsat
base-emitter saturation voltage
IC = 500 mA; IB = 0.5 mA
−−
1.9
V
fT
transition frequency
IC = 500 mA; VCE =5V;
f = 100 MHz
−
200
−
MHz
Switching times (between 10% and 90% levels); (see Fig.3)
ton
turn-on time
ICon = 500 mA; IBon = 0.5 mA;
IBoff = −0.5 mA
−
400
−
ns
toff
turn-off time
−
1500
−
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com