Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901H Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM2901H
Description  High Temperature Low Power Quad Voltage Comparators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2901H Datasheet(HTML) 2 Page - STMicroelectronics

  LM2901H Datasheet HTML 1Page - STMicroelectronics LM2901H Datasheet HTML 2Page - STMicroelectronics LM2901H Datasheet HTML 3Page - STMicroelectronics LM2901H Datasheet HTML 4Page - STMicroelectronics LM2901H Datasheet HTML 5Page - STMicroelectronics LM2901H Datasheet HTML 6Page - STMicroelectronics LM2901H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings
LM2901H
2/7
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18 or 36
V
VID
Differential Input Voltage
±36
V
VI
Input Voltage
-0.3 to +36
V
Output Short-circuit to Ground (1)
1.
Short-circuit from the output to VCC
+ can cause excessive heating and eventual destruction. The maximum
output current is approximately 20mA, independent of the magnitude of VCC
+
20
mA
ptot
Power Dissipation at Tamb=+25°C
(2)
2.
Maximum power dissipation has been calculated with Rthj-a= 150°C/W for SO-14 package, TA=+25°C and
TJ=+150°C
830
mW
Toper
Operating Free-Air Temperature Range
-40 to +150
°C
Tstg
Storage Temperature Range
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com