Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST60 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BST60
Description  PNP Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST60 Datasheet(HTML) 2 Page - NXP Semiconductors

  BST60 Datasheet HTML 1Page - NXP Semiconductors BST60 Datasheet HTML 2Page - NXP Semiconductors BST60 Datasheet HTML 3Page - NXP Semiconductors BST60 Datasheet HTML 4Page - NXP Semiconductors BST60 Datasheet HTML 5Page - NXP Semiconductors BST60 Datasheet HTML 6Page - NXP Semiconductors BST60 Datasheet HTML 7Page - NXP Semiconductors BST60 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 27
2
Philips Semiconductors
Product specification
PNP Darlington transistors
BST60; BST61; BST62
FEATURES
• High current (max. 0.5 A)
• Low voltage (max. 80 V)
• Integrated diode and resistor.
APPLICATIONS
• Industrial switching applications such as:
– Print hammer
– Solenoid
– Relay and lamp driving.
DESCRIPTION
PNP Darlington transistor in a SOT89 plastic package.
NPN complements: BST50, BST51 and BST52.
MARKING
TYPE NUMBER
MARKING CODE
BST60
BS1
BST61
BS2
BST62
BS3
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
Fig.1 Simplified outline (SOT89) and symbol.
handbook, halfpage
12
3
MAM326
Bottom view
3
2
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com