Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM50CIM3 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM50CIM3
Description  SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM50CIM3 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM50CIM3 Datasheet HTML 1Page - National Semiconductor (TI) LM50CIM3 Datasheet HTML 2Page - National Semiconductor (TI) LM50CIM3 Datasheet HTML 3Page - National Semiconductor (TI) LM50CIM3 Datasheet HTML 4Page - National Semiconductor (TI) LM50CIM3 Datasheet HTML 5Page - National Semiconductor (TI) LM50CIM3 Datasheet HTML 6Page - National Semiconductor (TI) LM50CIM3 Datasheet HTML 7Page - National Semiconductor (TI) LM50CIM3 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH12030
June 1996
LM50BLM50C
SOT-23 Single-Supply Centigrade Temperature Sensor
General Description
The LM50 is a precision integrated-circuit temperature sen-
sor that can sense a b40 Cto a125 C temperature range
using a single positive supply The LM50’s output voltage is
linearly proportional to Celsius (Centigrade) temperature
(a10 mV C) and has a DC offset of a500 mV The offset
allows reading negative temperatures without the need for a
negative supply The ideal output voltage of the LM50
ranges from a100 mV to a175V for a b40 Cto a125 C
temperature range The LM50 does not require any external
calibration or trimming to provide accuracies of g3 Cat
room temperature and g4 C over the full b40 Cto
a
125 C temperature range Trimming and calibration of the
LM50 at the wafer level assure low cost and high accuracy
The LM50’s linear output a500 mV offset and factory cali-
bration simplify circuitry required in a single supply environ-
ment where reading negative temperatures is required Be-
cause the LM50’s quiescent current is less than 130 mA
self-heating is limited to a very low 02 C in still air
Applications
Y
Computers
Y
Disk Drives
Y
Battery Management
Y
Automotive
Y
FAX Machines
Y
Printers
Y
Portable Medical Instruments
Y
HVAC
Y
Power Supply Modules
Features
Y
Calibrated directly in
Celsius (Centigrade)
Y
Linear a 100 mV C scale factor
Y
g
2 C accuracy guaranteed at a25 C
Y
Specified for full b40 to a125 C range
Y
Suitable for remote applications
Y
Low cost due to wafer-level trimming
Y
Operates from 45V to 10V
Y
Less than 130 mA current drain
Y
Low self-heating less than 02 C in still air
Y
Nonlinearity less than 08 C over temp
Connection Diagram
SOT-23
TLH12030 – 1
Top View
See NS Package Number M03B
(JEDEC Registration TO-236AB)
Order
SOT-23
Supplied As
Number
Device Marking
LM50BIM3
T5B
250 Units on Tape and Reel
LM50CIM3
T5C
250 Units on Tape and Reel
LM50BIM3X
T5B
3000 Units on Tape and Reel
LM50CIM3X
T5C
3000 Units on Tape and Reel
Typical Application
TLH12030 – 3
FIGURE 1 Full-Range Centigrade Temperature Sensor (b40 Cto a125 C)
C1996 National Semiconductor Corporation
RRD-B30M76Printed in U S A
http
www nationalcom


Similar Part No. - LM50CIM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50CIM3 NSC-LM50CIM3 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 NSC-LM50CIM3 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50CIM3 TI1-LM50CIM3 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
More results

Similar Description - LM50CIM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90DBZR TI-LMT90DBZR Datasheet
886Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com