Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4339 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB4339
Description  Evaluation Board for CS4334/8/9 Family of Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4339 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB4339 Datasheet HTML 1Page - Cirrus Logic CDB4339 Datasheet HTML 2Page - Cirrus Logic CDB4339 Datasheet HTML 3Page - Cirrus Logic CDB4339 Datasheet HTML 4Page - Cirrus Logic CDB4339 Datasheet HTML 5Page - Cirrus Logic CDB4339 Datasheet HTML 6Page - Cirrus Logic CDB4339 Datasheet HTML 7Page - Cirrus Logic CDB4339 Datasheet HTML 8Page - Cirrus Logic CDB4339 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CDB4334/8/9
DS248DB2
25
ANALOG OUTPUT FILTER
The evaluation board includes a pair of single pole
passive filters and a pair of 3-pole active filters.
The passive filters are provided as an example for
cost-sensitive desigins. The active filters demon-
strate a higher performance alternative with better
out-of-band noise rejection. The passive filters,
Fig. 4, have a corner frequency of approximately
95 kHz with JP3 and JP6 installed and 190 kHz
without JP3 and JP6. The 3-pole active filters are
shown in Fig. 3. The output filter options are se-
lected via the Left and Right Channel filter jump-
ers, Fig. 2.
INPUT/OUTPUT FOR CLOCKS AND
DATA
The evaluation board has been designed to allow
the interface to external systems via the 10-pin
header, J9. This header allows the evaluation board
to accept externally generated clocks and data. The
schematic for the clock/data I/O is shown in
Figure 10. The 74HC243 transceiver functions as
an I/O buffer where jumpers HDR1-HDR6 deter-
mine if the transceiver operates as a transmitter or
receiver. A transmit function is implemented with
the HDR1-HDR6 jumpers in the 8414 position.
LRCK, SDATA, and SCLK from the CS8414 will
be outputs on J9. The transceiver operates as a re-
ceiver with jumpers HDR1-HDR6 in the EXTER-
NAL position. MCLK, LRCK, SDATA and SCLK
on J9 become inputs.
GROUNDING AND POWER SUPPLY
DECOUPLING
The CS4334/8/9 requires careful attention to power
supply and grounding arrangements to optimize
performance. Figure 9 shows CDB power arrange-
ments. The CDB4334/8/9 ground plane is divided
in a manner to control to digital return currents in
order to minimize noise. The decoupling capacitors
are located as close to the CS4334/8/9 as possible.
Extensive use of ground plane fill on both the ana-
log and digital sections of the evaluation board
yield large reductions in radiated noise effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com