Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST76A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BST76A
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST76A Datasheet(HTML) 2 Page - NXP Semiconductors

  BST76A Datasheet HTML 1Page - NXP Semiconductors BST76A Datasheet HTML 2Page - NXP Semiconductors BST76A Datasheet HTML 3Page - NXP Semiconductors BST76A Datasheet HTML 4Page - NXP Semiconductors BST76A Datasheet HTML 5Page - NXP Semiconductors BST76A Datasheet HTML 6Page - NXP Semiconductors BST76A Datasheet HTML 7Page - NXP Semiconductors BST76A Datasheet HTML 8Page - NXP Semiconductors BST76A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Jun 20
2
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BST76A
FEATURES
• Direct interface to C-MOS, TTL, etc.
• High-speed switching
• No secondary breakdown.
APPLICATIONS
• Line current interrupter in telephone sets
• Relay, high-speed and line transformer drivers.
DESCRIPTION
N-channel enhancement mode vertical D-MOS transistor
in a SOT54 (TO-92) variant package.
PINNING - SOT54 (TO-92) variant
PIN
SYMBOL
DESCRIPTION
1
s
source
2
g
gate
3
d
drain
Fig.1 Simplified outline and symbol.
handbook, halfpage
1
3
2
MAM146
s
d
g
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
180
V
VDS(SM)
drain-source voltage
non-repetitive peak; tp ≤ 2mS
−
200
V
VGSO
gate-source voltage (DC)
open drain
−±20
V
ID
drain current (DC)
−
300
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−
1W
RDSon
drain-source on-state resistance
ID = 15 mA; VGS =3V
7
10
Ω
yfs
forward transfer admittance
ID = 300 mA; VDS = 15 V
250
−
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com