Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM-12008 Datasheet(PDF) 1 Page - CUI Devices

Part # CDM-12008
Description  SPEAKER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CDM-12008 Datasheet(HTML) 1 Page - CUI Devices

  CDM-12008 Datasheet HTML 1Page - CUI Devices CDM-12008 Datasheet HTML 2Page - CUI Devices CDM-12008 Datasheet HTML 3Page - CUI Devices CDM-12008 Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CDM-12008 | DESCRIPTION: SPEAKER
cuidevices.com
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
diameter
12
mm
depth
3.0
mm
input power
max. power: IEC-60268-5, filter 60 s on / 120 s off, 10
cycles at room temp
0.5
0.6
W
impedance
at 1.5 kHz, 1 V
6.8
8
9.2
Ω
resonant frequency
at 1 V
800
1000
1,200
Hz
sound pressure level
0.5 W, 10 cm ave. at 1.2, 1.5, 2.0, 2.5 kHz
1 W, 1 m ave. at 1.2, 1.5, 2.0, 2.5 kHz
87
74
90
77
93
80
dB
dB
response
20,000
Hz
distortion
at 1.5 kHz, 0.5 W
10
%
buzz, rattle, etc.
must be normal at sine wave 2.0 V
magnet size
size: 6.9 x 1.0 mm
operating temperature
-25
55
°C
weight
1.0
g
material
metal
RoHS
yes
FEATURES
• metal frame
• PET cone
RoHS
MECHANICAL DRAWING
units: mm
tolerance: ± 0.3mm
12.0 0.472
0.118
0.2
3.00
8.6 0.339
-
+
POINT
SOLDERING
DATE STAMP
01(MONTH)
11(YEAR)
0111
SOLDERABILITY
parameter
conditions/description
hand soldering
370 ±10°C for 3 ±1 seconds
Additional Resources: Product Page | 3D Model


Similar Part No. - CDM-12008

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM-12008 CUI-CDM-12008 Datasheet
1Mb / 4P
metal frame
More results

Similar Description - CDM-12008

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com