Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST76 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BST76
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST76 Datasheet(HTML) 3 Page - NXP Semiconductors

  BST76 Datasheet HTML 1Page - NXP Semiconductors BST76 Datasheet HTML 2Page - NXP Semiconductors BST76 Datasheet HTML 3Page - NXP Semiconductors BST76 Datasheet HTML 4Page - NXP Semiconductors BST76 Datasheet HTML 5Page - NXP Semiconductors BST76 Datasheet HTML 6Page - NXP Semiconductors BST76 Datasheet HTML 7Page - NXP Semiconductors BST76 Datasheet HTML 8Page - NXP Semiconductors BST76 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Jun 20
3
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BST76A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note to the Limiting values and Thermal characteristics
1. Device mounted on a printed-circuit board, maximum lead length 4 mm; mounting pad for drain lead minimum
10 mm
× 10 mm.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
180
V
VDS(SM)
drain-source voltage
non-repetitive peak; tp ≤ 2mS
−
200
V
VGSO
gate-source voltage (DC)
open drain
−±20
V
ID
drain current (DC)
−
300
mA
IDM
peak drain current
−
800
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
1W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
125
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = 100 µA
180
−−
V
VGSth
gate-source threshold voltage
VDS =VGS; ID = 100 µA
0.7
−
2.4
V
IDSS
drain-source leakage current
VDS = 120 V; VGS =0
−−
10
µA
IGSS
gate leakage current
VDS = 0; VGS = ±20 V
−−±100 nA
RDSon
drain-source on-state resistance
VGS =3V; ID =15mA
−
710
Ω
VGS = 10 V; ID = 300 mA
−
6
−Ω
yfs
forward transfer admittance
ID = 300 mA; VDS =15V
−
250
−
mS
Ciss
input capacitance
VDS =10V; VGS = 0; f = 1 MHz
−
50
65
pF
Coss
output capacitance
VDS =10V; VGS = 0; f = 1 MHz
−
20
30
pF
Crss
reverse transfer capacitance
VDS =10V; VGS = 0; f = 1 MHz
−
610
pF
Switching times (see Figs 2 and 3)
ton
turn-on time
VGS = 0 to 10 V; VDS =50V;
ID = 300 mA
−−
10
ns
toff
turn-off time
VGS =10to0V; VDS =50V;
ID = 300 mA
−−
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com