Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST80 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BST80
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST80 Datasheet(HTML) 4 Page - NXP Semiconductors

  BST80 Datasheet HTML 1Page - NXP Semiconductors BST80 Datasheet HTML 2Page - NXP Semiconductors BST80 Datasheet HTML 3Page - NXP Semiconductors BST80 Datasheet HTML 4Page - NXP Semiconductors BST80 Datasheet HTML 5Page - NXP Semiconductors BST80 Datasheet HTML 6Page - NXP Semiconductors BST80 Datasheet HTML 7Page - NXP Semiconductors BST80 Datasheet HTML 8Page - NXP Semiconductors BST80 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Jun 20
4
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BST80
Fig.2 Switching times test circuit.
handbook, halfpage
MSA631
50
Ω
V
= 50 V
DD
I D
10 V
0 V
Fig.3 Input and output waveforms.
handbook, halfpage
MBB692
10 %
90 %
90 %
10 %
t on
t off
OUTPUT
INPUT
Fig.4 Power derating curve.
handbook, halfpage
0
200
0
0.4
0.8
1.2
MLC697
T
( C)
amb
o
50
100
150
Ptot
(W)
Fig.5
Capacitance as a function of drain-source
voltage; typical values.
VGS = 0; f = 1 MHz; Tj =25 °C.
(1) Ciss.
(2) Coss.
(3) Crss.
handbook, halfpage
0
(1)
(2)
(3)
120
80
40
0
C
(pF)
VDS (V)
10
20
30
MDA176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com