Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLF0381MP-1 Datasheet(PDF) 1 Page - CUI Devices

Part # CLF0381MP-1
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CLF0381MP-1 Datasheet(HTML) 1 Page - CUI Devices

  CLF0381MP-1 Datasheet HTML 1Page - CUI Devices CLF0381MP-1 Datasheet HTML 2Page - CUI Devices CLF0381MP-1 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: CLF0381MP-1 | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 38 mm
• round frame
• 0.25 W
• 8 Ω
• ferrite magnet
• PET cone
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
0.25
0.4
W
impedance
at 1.0 kHz, 1.0 V
6.8
8
9.2
Ω
resonant frequency (Fo)
at 1.0 V
304
380
456
Hz
frequency response
Fo
10,000
Hz
sound pressure level
at 0.1 W, 5 cm, avg at 0.6, 0.8, 1.0, 1.2 kHz
90
93
96
dB
buzz, rattle, etc.
must be normal at sine wave
1.41
V
dimensions
Ø38 x 9.4
mm
magnet
ferrite
cone material
PET
terminal
solder pins/posts
weight
15.6
g
operating temperature
-25
60
°C
RoHS
yes
Additional Resources: Product Page | 3D Model


Similar Part No. - CLF0381MP-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
CLF0381MP-1 CUI-CLF0381MP-1 Datasheet
293Kb / 2P
LOW PROFILE SPEAKER
More results

Similar Description - CLF0381MP-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com