Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST86 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BST86
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST86 Datasheet(HTML) 4 Page - NXP Semiconductors

  BST86 Datasheet HTML 1Page - NXP Semiconductors BST86 Datasheet HTML 2Page - NXP Semiconductors BST86 Datasheet HTML 3Page - NXP Semiconductors BST86 Datasheet HTML 4Page - NXP Semiconductors BST86 Datasheet HTML 5Page - NXP Semiconductors BST86 Datasheet HTML 6Page - NXP Semiconductors BST86 Datasheet HTML 7Page - NXP Semiconductors BST86 Datasheet HTML 8Page - NXP Semiconductors BST86 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
April 1995
4
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BST86
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source breakdown voltage
ID = 100 µA; VGS =0
V(BR)DSS
min.
180 V
Drain-source leakage current
VDS = 120 V; VGS =0
IDSS
max.
10
µA
Gate-source leakage current
VGS = 20 V; VDS =0
IGSS
max.
100 nA
Gate threshold voltage
min.
max.
0.7
2.7
V
V
ID = 100 µA; VDS =VGS
VGS(th)
Drain-source ON-resistance
typ.
max.
7
10
Ω
Ω
ID = 15 mA; VGS =3 V
RDS(on)
ID = 300 mA; VGS = 10 V
RDS(on)
typ.
6
Ω
Transfer admittance
ID = 300 mA; VDS = 15 V
 Yfs
typ.
250 mS
Input capacitance at f = 1 MHz
VDS = 10 V; VGS =0
Ciss
typ.
max.
50
65
pF
pF
Output capacitance at f = 1 MHz
VDS = 10 V; VGS =0
Coss
typ.
max.
20
30
pF
pF
Feedback capacitance at f = 1 MHz
VDS = 10 V; VGS = 0
Crss
typ.
max.
6
10
pF
pF
Switching times (see as 2 and 3)
ID = 300 mA; VDD = 50 V; VGS = 0 to 10 V
ton
toff
max.
max.
10
15
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com