Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV709 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV709 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments TLV709 Datasheet HTML 13Page - Texas Instruments TLV709 Datasheet HTML 14Page - Texas Instruments TLV709 Datasheet HTML 15Page - Texas Instruments TLV709 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
7.3.5 Leakage Null Control Circuit
This device has a built-in leakage-null control circuit. At high temperatures, pass-transistor leakage increases
and starts impacting the VOUT accuracy at no-load (IOUT = 0 mA) conditions. This leakage becomes more
aggravated with higher headroom across the LDO (VIN – VOUT). The TLV709 has a built-in leakage-null control
circuit that detects pass-transistor leakage and provides a ground discharge path for the leakage. This circuitry
helps the TLV709 maintain much tighter VOUT accuracy across wide VIN and temperature (–40°C to +125°C )
ranges.
7.4 Device Functional Modes
Table 7-1 provides a quick comparison between the normal and dropout modes of operation.
Table 7-1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
IOUT
Normal
VIN > VOUT(nom) + VDO
IOUT < ICL
Dropout
VIN < VOUT(nom) + VDO
IOUT < ICL
7.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
• The input voltage is greater than the nominal output voltage plus the dropout voltage (VOUT(nom) + VDO)
• The output current is less than the current limit (IOUT < ICL)
• The device junction temperature is greater than –40°C and less than +125°C
7.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this mode, the output voltage
tracks the input voltage. During this mode, the transient performance of the device becomes significantly
degraded because the pass transistor is in the ohmic or triode region, and acts as a switch. Line or load
transients in dropout can result in large output voltage deviations.
When the device is in a steady dropout state (defined as when the device is in dropout, VIN < VOUT(NOM) + VDO,
directly after being in a normal regulation state, but not during start up), the pass transistor is driven into the
ohmic or triode region. When the input voltage returns to a value greater than or equal to the nominal output
voltage plus the dropout voltage (VOUT(NOM) + VDO), the output voltage can overshoot for a short period of time
while the device pulls the pass transistor back into the linear region.
TLV709
SLVSGU2B – FEBRUARY 2023 – REVISED JUNE 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com