Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCND454M Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCND454M
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCND454M Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCND454M Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCND454M Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlington Power Transistor
ISCND454M
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO
Collector-Emitter Voltage
IC= 3mA; IB= 0
500
-
-
V
VCBO
Collector-Base Voltage
IC= 3mA; IE= 0
500
-
-
V
VEBO
Emitter-Base Voltage
IE= 0.1mA; IC= 0
5
-
-
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 12.5A; IB= 0.125A
-
-
1.8
V
ICBO
Collector Cutoff Current
VCB=500V;IE=0
-
-
3.0
mA
ICEO
Collector Cutoff Current
VCE= 500V; IB= 0
-
-
3.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
-
-
2.0
mA
hFE
DC Current Gain
IC= 5A, VCE=10V
1800
-
2500
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of
our products.
ISC products are intended for usage in general electronic equipment. The products are not designed
for use in equipment which require specialized quality and/or reliability, or in equipment which
could have applications in hazardous environments, aerospace industry, or medical field. Please
contact us if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular
purpose, nor does ISC assume any liability arising from the application or use of any products, and
specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com