Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83706 Datasheet(PDF) 1 Page - Belden Inc.

Part # 83706
Description  Electronic, 6 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83706 Datasheet(HTML) 1 Page - Belden Inc.

  83706 Datasheet HTML 1Page - Belden Inc. 83706 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83706
Electronic, 6 C #16 Str TC, FEP Ins, OS+TC Brd, FEP Jkt, CMP
Product Description
High Temperature Electronic, 6 Conductor 16AWG (19x29) Tinned Copper, FEP Insulation, Overall Beldfoil®+Tinned Copper Braid(85%) Shield, FEP Outer
Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
extreme high/low temperature environments; chemical resistant; outdoor and burial applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line
level audio; voice communications; panel wiring
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 6
16 AWG 19x29
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) FEP - Fluorinated Ethylene Propylene 0.007 in (0.18 mm) 0.069 in (1.8 mm)
Black, White, Red, Green, Orange, Blue
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
85%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.014 in (0.36 mm) 0.265 in (6.73 mm)
Overall Cable Diameter
(Nominal):
0.265 in (6.73 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 4.43 Ohm/1000ft
35 pF/ft (110 pF/m)
63 pF/ft (210 pF/m)
4.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
150°C
-70°C to +200°C
Bend Radius


Similar Part No. - 83706

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
837061040 ULTI-MATE-837061040 Datasheet
37Kb / 1P
Micro Strip Wired 6 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
9-5-12
837061290 ULTI-MATE-837061290 Datasheet
96Kb / 1P
MICRO-D STRIP CONNECTOR, PLUG, SIZE 6 SR06P0-26E5-15.0
11-12-13
837061903 ULTI-MATE-837061903 Datasheet
42Kb / 1P
Micro Strip Wired 6 Pin One guide post (post on socket side) 24 AWG Stranded w/ Tefzel insulation (SAE AS22759/33) 10 Repeating Colors 8 Inches Wire Length Plastic Shell 125 Max Temp No QPL
11-12-09
837061905 ULTI-MATE-837061905 Datasheet
38Kb / 1P
Micro Strip Wired 6 Pin One guide post (post on socket side) 24 AWG Stranded w/ Tefzel insulation (SAE AS22759/33) 10 Repeating Colors 4 Inches Wire Length Plastic Shell 125 Max Temp No QPL
9-25-12
837062040 ULTI-MATE-837062040 Datasheet
105Kb / 1P
MICRO-D STRIP CONNECTOR, RECEPTACLE, SIZE 6 SR06S0-26E5-18.0
04/25/2018
More results

Similar Description - 83706

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83606 BELDEN-83606 Datasheet
211Kb / 2P
Electronic, 6 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83703 BELDEN-83703 Datasheet
193Kb / 2P
Electronic, 3 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83719 BELDEN-83719 Datasheet
226Kb / 2P
Electronic, 19 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83702 BELDEN-83702 Datasheet
198Kb / 2P
Electronic, 2 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83704 BELDEN-83704 Datasheet
201Kb / 2P
Electronic, 4 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83712 BELDEN-83712 Datasheet
226Kb / 2P
Electronic, 12 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83506 BELDEN-83506 Datasheet
205Kb / 2P
Electronic, 6 C #24 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83556 BELDEN-83556 Datasheet
206Kb / 2P
Electronic, 6 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83656 BELDEN-83656 Datasheet
208Kb / 2P
Electronic, 6 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83715 BELDEN-83715 Datasheet
161Kb / 2P
Electronic, 15 C #16 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com