Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KXDX9A Datasheet(PDF) 2 Page - Leach International Corporation

Part # KXDX9A
Description  RELAY NONLATCH 1 PST/NO (DM) AUX / 75 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KXDX9A Datasheet(HTML) 2 Page - Leach International Corporation

  KXDX9A Datasheet HTML 1Page - Leach International Corporation KXDX9A Datasheet HTML 2Page - Leach International Corporation KXDX9A Datasheet HTML 3Page - Leach International Corporation KXDX9A Datasheet HTML 4Page - Leach International Corporation KXDX9A Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KXD
RELAY NONLATCH
1 PST/NO (DM) + AUX / 75 AMP
2 / 5
COIL CHARACTERISTICS (Vdc)
CODE
A
B
C
M
N[5]
R[5]
V[5]
Nominal operating voltage
28
12
6
48
28
12
6
Maximum operating voltage at +125°C
29
14.5
7.3
50
29
14.5
7.3
Maximum pickup voltage (Cold coil)
- Cold coil at +125° C
20
9
4.5
36
20
9
4.5
- During high temp test at +125° C
22.5
9.9
5
38
22.5
9.9
5
- During continuous current test at +125° C
25
11.25
5.7
42
25
11.25
5.7
- Drop-out voltage (Maximum)
7
4.5
2.5
14
7
4.5
2.5
Coil resistance Ω ±10% +25° C except types "C" and "V"+20%, -10%
290
70
18
890
290
70
18
GENERAL CHARACTERISTICS
Temperature range
-70°C to +125°C
Minimum operating cycles (life) at rated load (Resistive & Motor Load)
20,000 cycles
Minimum operating cycles (life) at no load (Mechanical life)
100,000 cycles
Dielectric strength at sea level all points
- All circuits to ground and circuit to circuit
1250 Vrms / 50 Hz
- Coil to ground and coil auxilary contact gap
1000 Vrms / 50 Hz
Dielectric strength at altitude 25.000 m (all points)
500 Vrms / 50Hz
(500 Vrms gasket compressed)
Insulation resistance
- Initial (500 Vdc)
100 M Ω min
- After environmental tests (500 Vdc)
50 M Ω min
Sinusoidal vibration
0.12" DA / 10 to 57 Hz
20G / 57 to 2000 Hz
Random vibration according to MIL-STD 202 methode 214
1E (0.2G2/Hz, 50 to 2000 Hz)
Mechanical shock
50G / 11 ms
Maximum contact opening time under vibration and shock
10 µ sec
Mains and 1 ms - Auxiliaries
Operate time at nominal voltage
15 ms max
Release time at nominal voltage
15ms max
Contact make bounce at nominal voltage
- Power contacts
- Auxilary contacts
1ms max
4ms max
Contact release break bounce
0.5 ms max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com