Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-D2M-XXX Datasheet(PDF) 5 Page - Leach International Corporation

Part # JS-D2M-XXX
Description  RELAY – NONLATCH 1PDT, 10 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

JS-D2M-XXX Datasheet(HTML) 5 Page - Leach International Corporation

  JS-D2M-XXX Datasheet HTML 1Page - Leach International Corporation JS-D2M-XXX Datasheet HTML 2Page - Leach International Corporation JS-D2M-XXX Datasheet HTML 3Page - Leach International Corporation JS-D2M-XXX Datasheet HTML 4Page - Leach International Corporation JS-D2M-XXX Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SERIES JS
RELAY
– NONLATCH
1PDT, 10 AMP
5 / 5
DIAGRAMS
STANDARD TOLERANCE: .xx= ±.010
[1] COIL POLARITY NOT APPLICABLE TO AC VERSIONS
NUMBERING SYSTEM
NOTES
1.
Standard Intermediate current test applicable.
2.
500 Vrms with silicone gasket compressed, 350 Vrms all other conditions.
3.
Applicable military specification
– MIL-PRF-83536/36
4.
"N," "R" & "V" coils have back EMF suppression to 42 volts maximum.
5.
Relay will not operate, but will not be damaged by application of reverse polarity to coil.
For any inquiries, please contact your local sales representative: leachcorp.com
JS
-
D
1
A
-
XXX
Basic series designation
1.
Mounting styles (A, D, E, G, J)
2.
Terminal types (1, 2, 4,)
3.
Coil voltage, see coil characteristics (A, B, C, M, N, R, V)
4.
XXX Designators
Dimensions in inches
Tolerances, unless otherwise specified, ± 0.03 in



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com