Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF113 Datasheet(PDF) 1 Page - GE Solid State

Part # IRFF113
Description  Power MOS Field-Effect Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GESS [GE Solid State]
Direct Link  
Logo GESS - GE Solid State

IRFF113 Datasheet(HTML) 1 Page - GE Solid State

  IRFF113 Datasheet HTML 1Page - GE Solid State IRFF113 Datasheet HTML 2Page - GE Solid State IRFF113 Datasheet HTML 3Page - GE Solid State IRFF113 Datasheet HTML 4Page - GE Solid State IRFF113 Datasheet HTML 5Page - GE Solid State  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - IRFF113

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
March 1999
logo
Seme LAB
IRFF110 SEME-LAB-IRFF110 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
IRFF110 NJSEMI-IRFF110 Datasheet
474Kb / 2P
IM-CHANIMEL POWER MOSFETs TO-39 PACKAGE
IRFF111 NJSEMI-IRFF111 Datasheet
474Kb / 2P
IM-CHANIMEL POWER MOSFETs TO-39 PACKAGE
IRFF112 NJSEMI-IRFF112 Datasheet
474Kb / 2P
IM-CHANIMEL POWER MOSFETs TO-39 PACKAGE
More results

Similar Description - IRFF113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM25N05 ETC-RFM25N05 Datasheet
235Kb / 4P
POWER MOS FIELD EFFECT TRANSISTORS
2SJ133 ETC-2SJ133 Datasheet
89Kb / 2P
MOS Field Effect Power Transistors
2SJ137 ETC-2SJ137 Datasheet
100Kb / 2P
MOS Field Effect Power Transistors
2SJ141 ETC-2SJ141 Datasheet
99Kb / 2P
MOS Field Effect Power Transistors
2SK1498 ETC-2SK1498 Datasheet
93Kb / 2P
MOS Field Effect Power Transistors
logo
Guangdong Kexin Industr...
2SJ325 KEXIN-2SJ325 Datasheet
53Kb / 2P
MOS Field Effect Power Transistors
logo
New Jersey Semi-Conduct...
2N6898 NJSEMI-2N6898 Datasheet
284Kb / 2P
POWER MOS FIELD-EFFECT TRANSISTORS
RFK35N10 NJSEMI-RFK35N10 Datasheet
82Kb / 2P
Power MOS Field-Effect Transistors
logo
Renesas Technology Corp
2SK2136 RENESAS-2SK2136 Datasheet
564Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1993
UPA1702 RENESAS-UPA1702 Datasheet
226Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1996
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com