Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1054CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LT1054CSW
Description  Switched-Capacitor Voltage Converter with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054CSW Datasheet(HTML) 1 Page - Linear Technology

  LT1054CSW Datasheet HTML 1Page - Linear Technology LT1054CSW Datasheet HTML 2Page - Linear Technology LT1054CSW Datasheet HTML 3Page - Linear Technology LT1054CSW Datasheet HTML 4Page - Linear Technology LT1054CSW Datasheet HTML 5Page - Linear Technology LT1054CSW Datasheet HTML 6Page - Linear Technology LT1054CSW Datasheet HTML 7Page - Linear Technology LT1054CSW Datasheet HTML 8Page - Linear Technology LT1054CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1054/LT1054L
1054lfe
DESCRIPTIO
FEATURES
APPLICATIO S
BLOCK DIAGRA
Switched-Capacitor Voltage
Converter with Regulator
s
Available in Space Saving SO-8 Package
s
Output Current: 100mA (LT1054)
125mA (LT1054L)
s
Reference and Error Amplifier for Regulation
s
Low Loss: 1.1V at 100mA
s
Operating Range:3.5V to 15V (LT1054)
3.5V to 7V (LT1054L)
s
External Shutdown
s
External Oscillator Synchronization
s
Can Be Paralleled
s
Pin Compatible with the LTC
®1044/LTC7660
The LT
®1054 is a monolithic, bipolar, switched-capacitor
voltage converter and regulator. The LT1054 provides
higher output current than previously available converters
with significantly lower voltage losses. An adaptive switch
driver scheme optimizes efficiency over a wide range of
output currents. Total voltage loss at 100mA output current
is typically 1.1V. This holds true over the full supply voltage
range of 3.5V to 15V. Quiescent current is typically 2.5mA.
The LT1054 also provides regulation, a feature not previ-
ously available in switched-capacitor voltage converters.
By adding an external resistive divider a regulated output
can be obtained. This output will be regulated against
changes in both input voltage and output current. The
LT1054 can also be shut down by grounding the feedback
pin. Supply current in shutdown is less than 100
µA.
The internal oscillator of the LT1054 runs at a nominal
frequency of 25kHz. The oscillator pin can be used to adjust
the switching frequency or to externally synchronize the
LT1054.
The LT1054 is pin compatible with previous converters
such the LTC1044/LTC7660.
OUTPUT CURRENT (mA)
0
1
2
50
1054 TA01•
0
25
75
100
125
TJ = 125°C
TJ = 25°C
TJ = –55°C
LT1054
LT1054L
3.5V
≤ VIN ≤ 15V (LT1054)
3.5V
≤ VIN ≤ 7V (LT1054L)
CIN = COUT = 100µF
INDICATES GUARANTEED
TEST POINT
, LTC and LT are registered trademarks of Linear Technology Corporation.
LT1054/LT1054L Voltage Loss
REFERENCE
OSC
DRIVE
DRIVE
DRIVE
DRIVE
OSC
CAP–
GND
CAP +
FEEDBACK/
SHUTDOWN
–
+
R
R
*EXTERNAL CAPACITORS
2.5V
6
1
4
3
–VOUT
LT1054 • BD
5
2
8
7
Q
Q
VREF
CIN*
VIN
COUT*
+
+
s
Voltage Inverter
s
Voltage Regulator
s
Negative Voltage Doubler
s
Positive Voltage Doubler


Similar Part No. - LT1054CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054CSW LINER-LT1054CSW Datasheet
334Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054CSW LINER-LT1054CSW Datasheet
274Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054CSW-PBF LINER-LT1054CSW-PBF Datasheet
274Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054CSW-TRPBF LINER-LT1054CSW-TRPBF Datasheet
274Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
More results

Similar Description - LT1054CSW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
TK75018 TOKO-TK75018 Datasheet
91Kb / 8P
SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Linear Technology
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Linear Technology
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com