Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBA04T12LSB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # FBA04T12LSB
Description  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBA04T12LSB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  FBA04T12LSB Datasheet HTML 1Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 2Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 3Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 4Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 5Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 6Page - Panasonic Semiconductor FBA04T12LSB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
COMMON SPECIFICATIONS
4
Protection
• Locked rotor protection circuits
• Automatically restarts in a few seconds
• Reverse voltage protection
Insulation Resistance
• 10M
Ω minimum at 500v DC (frame to leads)
Dielectric Strength
• 500v AC (50/60Hz) for 1 minute (frame to leads)
Plastic Rating
• All Panaflo fans are manufactured with a UL94V-0 plastic (flammability)
Insulation Class
• JIS Class E (120° C)
• VDE Class E (90° C)
• UL Class A (105° C)
• CSA Class A (105° C)
Noise Data
The noise data is measured at 1 meter from the air intake side of the fan
suspended in a semi-anechoic chamber (background noise 13dB-A max.).
Construction with and without Solid Corner Housing
Panaflo fans are available in two different versions for mounting: with solid corner
housing and without. Specific mounting methods and applications require the use
of solid corners. Select the appropriate housing for your application. Some mod-
els may be available only with solid corner housing. For details, please refer to the
corresponding page for each model.
With Solid Corner
Without Solid Corner
Microphone
Microphone
Microphone
* Distance 1m.
Noise Data



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com