Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1176 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC1176
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC1176 Datasheet HTML 15Page - Semtech Corporation SC1176 Datasheet HTML 16Page - Semtech Corporation SC1176 Datasheet HTML 17Page - Semtech Corporation SC1176 Datasheet HTML 18Page - Semtech Corporation SC1176 Datasheet HTML 19Page - Semtech Corporation SC1176 Datasheet HTML 20Page - Semtech Corporation SC1176 Datasheet HTML 21Page - Semtech Corporation SC1176 Datasheet HTML 22Page - Semtech Corporation SC1176 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1176/SC1176A
Power and signal traces must be kept separated for noise
considerations. Feedback, current sense traces and ana-
log ground should not cross any traces or planes carrying
high switching currents, such as the input loop or the
phase node.
The input loop, consisting of the input capacitors and
both MOSFETs must be kept as small as possible. All of
the high switching currents occur in this loop. The en-
closed loop area must be kept small to minimize induc-
tance and radiated and conducted emissions. Designing
for minimum trace length is not always the best approach,
often a more optimum layout can be achieved by keep-
ing loop area constraints in mind.
It is important to keep gate lengths short, the IC must be
close to the power switches. This is more difficult in a
dual channel device than a single and requires that the
two power paths run on either side of a centrally located
controller.
Grounding requirements are always conflicting in a buck
converter, especially at high power, and the trick is to
achieve the best compromise. Power ground (PGND)
should be returned to the bottom MOSFET source to pro-
vide the best gate current return path. Analog ground
(GND) should be returned to the ground side of the out-
put capacitors so that the analog circuitry in the control-
ler has an electrically quiet reference and to provide the
greatest feedback accuracy. The problem is that the dif-
ferential voltage capability of the two IC grounds is lim-
ited to about 1V for proper operation and so the physical
separation between the two grounds must also be mini-
mized. If the grounds are too far apart, fast current tran-
sitions in the connection can generate voltage spikes
exceeding the 1V capability, resulting in unstable and er-
ratic behavior.
The feedback divider must be close to the IC and be
returned to analog ground. Current sense traces must
be run parallel and close to each other and to analog
ground.
The IC must have a ceramic decoupling capacitor across
its supply pins, mounted as close to the device as pos-
sible. The small ceramic, noise-filtering capacitors on the
current sense lines should also be placed as close to the
IC as possible.
Layout Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com