Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1176CSW.TR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1176CSW.TR
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176CSW.TR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1176CSW.TR Datasheet HTML 6Page - Semtech Corporation SC1176CSW.TR Datasheet HTML 7Page - Semtech Corporation SC1176CSW.TR Datasheet HTML 8Page - Semtech Corporation SC1176CSW.TR Datasheet HTML 9Page - Semtech Corporation SC1176CSW.TR Datasheet HTML 10Page - Semtech Corporation SC1176CSW.TR Datasheet HTML 11Page - Semtech Corporation SC1176CSW.TR Datasheet HTML 12Page - Semtech Corporation SC1176CSW.TR Datasheet HTML 13Page - Semtech Corporation SC1176CSW.TR Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1176/SC1176A
Typical Characteristics - 2 Channels with Current Sharing (Cont.)
The Current Sharing Evaluation Board is not intended for a specific application. The power components are not
optimized for minimum cost and size. This evaluation board should be used to understand the operation of the
SC1176. To design with SC1176 for specific current sharing applications. Please refer to: Application note AN00-3.
Figure 5:
Figure 5:
Figure 5:
Figure 5:
Figure 5: Efficiency data - current sharing mode.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2
4
6
8
101214
Current (A)
VIN(MASTER) = 12V
VIN(SLAVE) = 5V
VOUT = 2.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com