Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1176ATSTR Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1176ATSTR
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176ATSTR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1176ATSTR Datasheet HTML 2Page - Semtech Corporation SC1176ATSTR Datasheet HTML 3Page - Semtech Corporation SC1176ATSTR Datasheet HTML 4Page - Semtech Corporation SC1176ATSTR Datasheet HTML 5Page - Semtech Corporation SC1176ATSTR Datasheet HTML 6Page - Semtech Corporation SC1176ATSTR Datasheet HTML 7Page - Semtech Corporation SC1176ATSTR Datasheet HTML 8Page - Semtech Corporation SC1176ATSTR Datasheet HTML 9Page - Semtech Corporation SC1176ATSTR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1176/SC1176A
NOTES
(1) Block 1 (top) is the Master and Block 2 (bottom) is the Slave in current sharing configuration.
(2) For independent operation there is no Master or Slave.
Main Loop(s)
The SC1176 is a dual, voltage mode synchronous
Buck controller, the two separate channels are identi-
cal and share only IC supply pins (Vcc and GND),
output driver ground (PGND) and pre-driver supply
voltage (BSTC). They also share a common oscillator
generating a sawtooth waveform for channel 1 and an
inverted sawtooth for channel 2. Each channel has its
own current limit comparator. Channel 1 has the
positive input of the error amplifier internally connected
to Vref. Channel 2 has both inputs of the error ampli-
fier uncommitted and available externally. This allows
the SC1176 to operate in two distinct modes.
a) Two independent channels with either com-
mon or different input voltages and different
output voltages. The two channels each have
Block Diagram
Applications Information - Theory of Operation
their own voltage feedback path from their own
output. In this mode, the positive input of error
amplifier 2 is connected externally to Vref. If the
application uses a common input voltage, the
sawtooth phase shift between the channels
provides some measure of input ripple current
cancellation.
b) Two channels operating in current sharing
mode with common output voltage and either
common input voltage or different input voltages.
In this mode, channel 1 operates as a voltage
mode Buck controller, as before, but error amp 2
monitors and amplifies the difference in voltage
across the output current sense resistors of
channel 1 and channel 2 (Master and Slave) and
adjusts the Slave duty cycle to match output
currents. Because of finite gain and offsets in the
loop, the resistor ratio for perfect current match-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com