Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2246C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV2246C
Description  I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2246C Datasheet(HTML) 3 Page - STMicroelectronics

  STV2246C Datasheet HTML 1Page - STMicroelectronics STV2246C Datasheet HTML 2Page - STMicroelectronics STV2246C Datasheet HTML 3Page - STMicroelectronics STV2246C Datasheet HTML 4Page - STMicroelectronics STV2246C Datasheet HTML 5Page - STMicroelectronics STV2246C Datasheet HTML 6Page - STMicroelectronics STV2246C Datasheet HTML 7Page - STMicroelectronics STV2246C Datasheet HTML 8Page - STMicroelectronics STV2246C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
STV223XD/224XC - GENERAL DESCRIPTION
3/76
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The STV223XD/224X are fully bus-controlled ICs
for TV that include PIF, SIF, Luma, Chroma and
Deflection processing functions. Used with a verti-
cal frame booster (TDA8174A for a 90° chassis,
STV9306 for a 110° chassis), they allow multistan-
dard (BGDKIMNLL’, PAL/SECAM/NTSC) sets to
be designed with very few external components
and no manual adjustments.
STV22XX Family Characteristics
Package
Application
PAL/NTSC
Intercarrier
PAL/NTSC
QSS/Intercarrier
PAL/SECAM/NTSC
QSS/Intercarrier
AM
PAL/SECAM/NTSC
QSS/Intercarrier
SHRINK56
STV2246C/86C
STV2247C
STV2248C
STV2249C
TQFP64
STV2236D
STV2237D
STV2238D
STV2239D
STV22XX IC Versions
Function
IC Version
SHRINK56
TQFP64
2246C 2247C 2248C 2249C 2286C 2236D 2237D 2238D 2239D
PAL/SECAM/NTSC
X
X
X
X
PAL/NTSC
X
X
X
X
X
QSS/Intercarrier
X
X
X
X
X
X
Intercarrier Only
X
X
X
AM
X
X
2 CVBS Outputs
XXXXXXXXX
1 EXT RGB Input (OSD)
X
OSD RGB Inputs & RGBEXT/YCrCb Inputs
XXXX
XXXX
YUV Interface
XXX
APR
XXXXXXXXX
Half Contrast
XXXXXXXXX
SAW Filter Control
XXXX
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com