Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2248C Datasheet(PDF) 74 Page - STMicroelectronics

Part # STV2248C
Description  I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2248C Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STV2248C Datasheet HTML 68Page - STMicroelectronics STV2248C Datasheet HTML 69Page - STMicroelectronics STV2248C Datasheet HTML 70Page - STMicroelectronics STV2248C Datasheet HTML 71Page - STMicroelectronics STV2248C Datasheet HTML 72Page - STMicroelectronics STV2248C Datasheet HTML 73Page - STMicroelectronics STV2248C Datasheet HTML 74Page - STMicroelectronics STV2248C Datasheet HTML 75Page - STMicroelectronics STV2248C Datasheet HTML 76Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
STV223XD/224XC - SUMMARY OF CHANGES
74/76
10 SUMMARY OF CHANGES
Rev.
Main Changes
Date
1.8
Deletion of AM Demodulator for the STV2249C in Figure 10 on page 14.
Pin names changed from “NC” to “NTBC” in diagrams.
16 March
2001
1.9
The value of R30 on pin BCL/SAF was changed from 220 kOhms to 56 kOhms in the Application di-
agrams.
Modification of Register 13 in Section 6.3 STV2238D: Input Signals (Write Mode).
Deletion of “PAL/NTSC Only” row of the I²C Bus Specification table in Section 7 on page 52.
12 April
2001
2.0
Modification of Crystal Detection values in Section 3.2 on page 18 and CRYSTAL DETECTION on
page 34. Clarification of POR conditions in Section 6.5 on page 51.
8 Jan
2002
2.1
Update of Frequency Control Range value in Section 4.9 Scanning Part.
13 Feb
2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com