Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDRC200N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEDRC200N
Description  LED Dome and On-Axis Multi-Light (200 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LEDRC200N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEDRC200N Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDRC200N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Dome and On-Axis Multi-Light (200 mm)
†
This model is not stocked and is non-returnable.
Printed in USA
05/01
P/N 67444
LED Dome and On-Axis Multi-Light Model
1/4-20 & M6 x 1.0
(4x)
Detachable
1.8 m (6') cable
terminated with
9-pin D-sub
connectors
(male pins)
153.2 mm
(6.03")
111.1 mm
(4.37")
ø50.8 mm
(2.00")
249.3 mm
(9.82")
206.3 mm
(8.12")
38.1 mm
(1.50")
45.9 mm
(1.81")
76.2 mm
(3.00")
Models
Illumination
Type
Color
Cable
Supply
Voltage
Supply
Current
Connections
LEDRC200N†
Continuous
highly-diffused
dome and
on-axis
light
Red 640 nm
Detachable
1.8 m (6')
cable
terminated
with 9-pin
D-sub
connectors
(male pins)
12V dc ±10%
with voltage
regulation of ±1%
2.2 A max.
Pin 1 = +V fan
Pin 2 = dc common fan
Pin 3 = dc common
Pin 4 = +V dome
Pin 5 = +V on-axis
Power supply model
PS2V-12(E)
is recommended
(see other side)
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner Engineering Corp. will repair or replace, free of
charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty period. This warranty does not cover
damage or liability for the improper application of Banner products. This warranty is in lieu of any other warranty either expressed or implied.
Features
• Combining the dome light and on-axis light provides outstanding illumination uniformity
• Ideal for extremely difficult specular surfaces
• Light intensity for each axis is independently adjustable
• Black anodized aluminum housing
Environmental Rating
IEC IP20; NEMA 1
Operating Conditions
Temperature: 0° to 40°C (+32° to 104°F)
Maximum relative humidity: 95% at 40°C (non-condensing)
Useful Life
60,000 hours
Suggested Field-of-view
75 mm (3")
Suggested Stand-off
25 mm (1")


Similar Part No. - LEDRC200N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDRC150N ETC1-LEDRC150N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (150 mm)
More results

Similar Description - LEDRC200N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDRC150N ETC1-LEDRC150N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (150 mm)
logo
Everlight Electronics C...
40-01-B4C-AJMB EVERLIGHT-40-01-B4C-AJMB Datasheet
119Kb / 7P
Dome POWER LED
logo
Microsemi Corporation
LX1996 MICROSEMI-LX1996 Datasheet
1,018Kb / 22P
Multi-string LED Back-light Controller
logo
Everlight Electronics C...
40-01-T4C-4PRB EVERLIGHT-40-01-T4C-4PRB Datasheet
133Kb / 8P
Dome POWER LED
logo
ON Semiconductor
NCP5890 ONSEMI-NCP5890 Datasheet
378Kb / 19P
Light Management IC Dedicated for LCD Backlighting and Multi-LED Fun Light Applications
July, 2009 ??Rev. 1
logo
BetLux Electronics
TLS-SMD-6AUTO BETLUX-TLS-SMD-6AUTO Datasheet
76Kb / 2P
LED dome/door/ box light, Mono color
REV NO: V.2
logo
Banner Engineering Corp...
LEDRO50M BANNER-LEDRO50M Datasheet
391Kb / 3P
LED..O..M Series Diffused On-Axis Lights
LEDWO25N BANNER-LEDWO25N Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
LEDWO75N BANNER-LEDWO75N Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
logo
STMicroelectronics
LSM6DSV STMICROELECTRONICS-LSM6DSV Datasheet
4Mb / 187P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
15-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com