Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP-5LH Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZP-5LH
Description  FREQUENCY MIXERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZP-5LH Datasheet(HTML) 1 Page - Mini-Circuits

  ZP-5LH Datasheet HTML 1Page - Mini-Circuits ZP-5LH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
NOTES:
_
x
Average of conversion loss at center of mid-band frequency (f
L+fU/4)
σ
Standard deviation
o
Non-hermetic
t When ordering, specify BNC or SMA connectors.
*
L=50-100 MHz; M=100-500 MHz
**
Below 10 MHz IF, conversion loss increase up to 6 dB higher as fre-
quency decreases to DC.
*** Above 750 MHz IF, conversion loss increases up to 9.8 dB max.
A.
General Quality Control Procedures, Environmental Specifications,
Hi-Rel and MIL description are given in General Information (Section 0).
B.
Connector types and case mounted options, case finishes are given in
section 0, see “Case Styles & Outline Drawings”.
C.
Prices and Specifications subject to change without notice.
1.
Absolute maximum power, voltage and current ratings:
1a. RF power 50mW;
1b. Peak IF current, 40mA
NSN GUIDE
MCL NO.
NSN
TFM-15
5895-01-292-2759
ZFM-15
5895-01-412-3035
ZFM-150
5895-01-217-6878
TFM / TUF
SBL / SRA
ROK
98
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = mid band [2f
L to fU/2]
+10 dBm LO, up to +5 dBm RF
C
O
N
N
E
C
T
I
O
N
L
Typ. Min.
M
Typ. Min.
LO-RF ISOLATION, dB LO-IF ISOLATION, dB
U
Typ. Min.
CASE
STYLE
Qty.
(1-9)
PRICE
$
L
Typ. Min.
Total
Range
Max.
CONVERSION LOSS
dB
Max.
σσσσσ
Mid-Band
m
FREQUENCY
MHz
IF
LO/RF
f
L-fU
MODEL
NO.
U
Typ. Min.
M
Typ. Min.
_
x
Note B
TFM-15
10-3000
10-800
6.75
.08
8.0
8.5
35 25
35 25
35 25
30
20
30
20
30 20
B13
aa
51.95
TFM-150**
10-2000
DC-1000
6.19
.11
8.0
8.0
32 25
35 25
35 25
33
20
30
20
30 20
B13
aa
47.45
o TUF-1LH
2-600
DC-600
6.0
.17
7.0
8.0
70 50
50 30
42 25
65
45
50
30
41 22
B02
z
7.25
o TUF-2LH*
50-1000
DC-1000
5.2
.30
7.0
8.5
58 40
44 30
39 25
60
35
50
25
38 20
B02
z
8.20
o TUF-3LH
0.15-400
DC-400
4.8
.37
7.0
8.0
67 50
51 30
40 25
67
40
45
25
34 20
B02
z
9.10
o TUF-5LH
20-1500
DC-1000
6.9
.27
8.5
9.0
53 40
42 30
38 25
40
25
30
18
22
8
B02
z
12.45
o TUF-11ALH
1400-1900
40-500
7.0
.20
8.6
8.6
36 (Typ.) 20 (Min.)
28 (Typ.) 15 (Min.)
B02
z
19.95
ROK-2500LH
1-2500
DC-500
6.4
.20
8.4
9.0
55 40
48 20
30 20
55
38
27
15
22 15
PP230
ah
34.95
o SBL-1LH
2-500
DC-500
5.8
.03
7.0
8.0
75 45
68 35
56 25
61
35
45
25
36 20
A06
d
6.75
o SBL-1-1LH
.2-400
DC-400
5.2
.06
7.0
9.0
67 45
64 30
51 25
62
30
52
25
34 20
A06
d
9.45
o SBL-1XLH
10-1000
5-500
6.0
.12
7.5
8.5
50 40
40 25
30 20
70
45
55
40
45 30
A06
j
8.45
o SBL-2LH
5-1000
DC-1000
5.9
.09
7.5
9.5
67 45
61 30
57 30
68
40
54
30
43 20
A06
h
9.45
o SBL-11LH
5-2000
10-600
7.0
.11
8.5
9.5
60 45
45 30
30 20
50
35
30
20
25 16
A06
m
22.95
SRA-2CR
10-1000
5-500
5.68
.12
7.5
8.0
50 40
40 30
30 20
40
25
30
18
25 15
A01
s
19.95
SRA-215
.05-1500
.05-500
5.20
.08
7.5
9.0
25 20
35 25
30 20
25
20
35
25
25 15
A01
m
30.95
SRA-220
.05-2000
.05-500
5.59
.11
8.0
9.0
25 20
40 30
30 20
25
20
40
30
25 15
A01
m
33.95
Plug-In
LEVEL 10 50 kHz to8 GHz
FREQUENCY MIXERS


Similar Part No. - ZP-5LH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZP-5 MINI-ZP-5 Datasheet
266Kb / 2P
Frequency Mixer
ZP-5+ MINI-ZP-5+ Datasheet
266Kb / 2P
Frequency Mixer
ZP-5-S+ MINI-ZP-5-S+ Datasheet
266Kb / 2P
Frequency Mixer
ZP-5H MINI-ZP-5H Datasheet
289Kb / 2P
Frequency Mixer
ZP-5H+ MINI-ZP-5H+ Datasheet
289Kb / 2P
Frequency Mixer
More results

Similar Description - ZP-5LH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBL-1 MINI-SBL-1 Datasheet
268Kb / 2P
Frequency Mixers
MAC-24 MINI-MAC-24 Datasheet
1Mb / 4P
Frequency Mixers
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-42MH MINI-MAC-42MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-60 MINI-MAC-60 Datasheet
1Mb / 4P
Frequency Mixers
MAC-80H MINI-MAC-80H Datasheet
1Mb / 4P
Frequency Mixers
MAC-80LH MINI-MAC-80LH Datasheet
1Mb / 4P
Frequency Mixers
MAC-80MH MINI-MAC-80MH Datasheet
1Mb / 4P
Frequency Mixers
MAC-85 MINI-MAC-85 Datasheet
1Mb / 4P
Frequency Mixers
MAC-85L MINI-MAC-85L Datasheet
1Mb / 4P
Frequency Mixers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com