Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4923 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4923
Description  Evaluation Board
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4923 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4923 Datasheet HTML 9Page - Cirrus Logic CDB4923 Datasheet HTML 10Page - Cirrus Logic CDB4923 Datasheet HTML 11Page - Cirrus Logic CDB4923 Datasheet HTML 12Page - Cirrus Logic CDB4923 Datasheet HTML 13Page - Cirrus Logic CDB4923 Datasheet HTML 14Page - Cirrus Logic CDB4923 Datasheet HTML 15Page - Cirrus Logic CDB4923 Datasheet HTML 16Page - Cirrus Logic CDB4923 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
CDB4923 CDB49300
DS262DB2
13
As mentioned above, many of the PLD’s I/O pins
are tri-stated. The complete list of tri-stated pins
for full external mode (PLD Mode 0) can be found
in Table 6. The complete list of tri-stated pins for
external control mode (PLD Mode 1) can be found
in Table 7.
By design, the clocking signals present at the
MCLK,
LRCLK,
and
SCLK
pins
of
the
CS492x/CS493xx are used to drive both the audio
input and output circuitry for the rest of the
CDB4923/300 as shown in Figure 3. This means
that the S/PDIF input, S/PDIF output, analog out-
put and analog input continue to function in the
EXTERNAL modes. The user should only drive
audio clocks in PLD Mode 0. PLD Mode 1 derives
audio clocks from the CS8414.
The three clocking configurations that the user
should be aware of when using PLD Mode 0 are:
•
DSP is slave to all audio clocks - user drives
MCLK/SCLK/LRCLK
•
DSP masters LRCLK/SCLK - user drives
MCLK
•
DSP masters MCLK/LRCLK/SCLK - user
drives no audio clocks
Only when the correct clocking is present on the
23MCLK, 23LRCLK, and 23SCLK pins (J12),
processed audio can be heard on the analog outputs
(J13 - J20) and the digital outputs (J45 - J47). The
analog outputs J13-J20 can be found in Figure 12,
and the digital outputs can be found in Figure 13.
The information in Table 9 summarizes the opera-
tion of switch S3. The table shows the data routing
configuration, the MCLK source, and the method
of board control. This is intended as a quick refer-
ence and can also be found in Appendix J: Switch
Summary.
Pin Name
Pin
Number
Pin Name
Pin
Number
MCLK
44
DATA0
17
CMPCLK
28
DATA1
16
CMPREQ
29
DATA2
15
CMPDAT
27
DATA3
14
SCLKN1
25
DATA4
11
SLRCLKN1
26
DATA5
10
SDATAN1
22
DATA6
9
RESET
36
DATA7
8
RD
5
A1, CDIN
6
WR
4
A0, SCCLK
7
EXTMEM
21
SCPDIO
19
CS
18
Table 6. DSP Pins Tri-Stated by U11 in PLD Mode 0
Pin Name
Pin
Number
Pin Name
Pin
Number
RESET
36
DATA0
17
RD
5
DATA1
16
WR
4
DATA2
15
A1, CDIN
6
DATA3
14
A0, SCCLK
7
DATA4
11
SCPDIO
19
DATA5
10
CS
18
DATA6
9
DATA7
8
Table 7. DSP Pins Tri-Stated by U11 in PLD Mode 1
MCLK
Source
Description
J12
The user must provide an oversampling clock on
the 23MCLK pin of stake header J12. (NOTE:
This clock signal must be +3.3 V logic when
using CS493xx)
CS8414 The CS8414 (U13) derives the sampling fre-
quency (Fs) from an incoming S/PDIF stream
and masters a 256 Fs MCLK
DSP
The DSP (U1) masters MCLK, generally when
using broadcast application code
Table 8. Clocking Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com