Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0410F Datasheet(PDF) 4 Page - STMicroelectronics

Part # Z0410F
Description  STANDARD TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0410F Datasheet(HTML) 4 Page - STMicroelectronics

  Z0410F Datasheet HTML 1Page - STMicroelectronics Z0410F Datasheet HTML 2Page - STMicroelectronics Z0410F Datasheet HTML 3Page - STMicroelectronics Z0410F Datasheet HTML 4Page - STMicroelectronics Z0410F Datasheet HTML 5Page - STMicroelectronics Z0410F Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
I
(A). I2t(A2s)
TSM
110
1
10
100
Tj initia l = 25 C
o
I
TSM
I2 t
tp (ms)
Fig.11 : Non repetitive surge peak on-state cur-
rent for a sinusoidal pulse with width : tp
≤ 10ms,
and corresponding value of I
2t.
00.5
1
1.522.5
33.5
44.5
0.1
1
10
100
I
(A)
TM
Tj ini tia l
25 C
o
Tj max
V
(V)
TM
Tj max
Vto =0.9 8V
Rt =0.1 80
Fig.12 : On-state characteristics (maximum val-
ues).
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
Igt
Tj( C)
o
Ih
-40
-20
0
20
40
60
80
100
120 140
Igt[Tj]
Igt[Tj=25 C]
o
Ih[Tj]
Ih[Tj=25 C]
o
Fig.9 : Relative variation of gate trigger current and
holding current versus junction temperature.
1
10
100
1000
0
5
10
15
20
I
(A)
TSM
Tj ini tia l = 25 C
o
Number of cycles
Fig.10 : Non repetitive surge peak on-state current
versus number of cycles.
1E-3
1E-2
1E-1
1 E+0
1 E+1
1 E +2 5 E+2
0.01
0.10
1.00
Zth(j-a)/Rth(j-a)
tp (s )
Fig.7 : Relative variation of thermal impedance
junction to ambient versus pulse duration
(TO202-2).
1E-3
1E-2
1E-1
1 E +0
1 E +1
1E +2 5E +2
0.01
0.10
1.00
Zth/Rth
Zth (j-c)
Zt h( j-a )
tp(s )
Fig.6 : Relative variation of thermal impedance
versus pulse duration (TO202-1).
®
Z0410xE/F
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com