Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0410DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # Z0410DF
Description  STANDARD TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0410DF Datasheet(HTML) 5 Page - STMicroelectronics

  Z0410DF Datasheet HTML 1Page - STMicroelectronics Z0410DF Datasheet HTML 2Page - STMicroelectronics Z0410DF Datasheet HTML 3Page - STMicroelectronics Z0410DF Datasheet HTML 4Page - STMicroelectronics Z0410DF Datasheet HTML 5Page - STMicroelectronics Z0410DF Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE MECHANICAL DATA
TO202-1 (Plastic)
D
G
I
H
J
B
A
M
N1
N
O
P
C
F
REF.
DIMENSIONS
Millimeters
Inches
Typ.
Min. Max. Typ.
Min. Max.
A
10.1
0.398
B
13.7
0.540
C
7.3
0.287
D
10.5
0.413
F
1.5
0.059
G
3.2
0.126
H
0.51
0.020
I
3.16
3.20
0.124 0.126
J
1.5
0.059
M
4.5
0.177
N
5.3
0.209
N1
2.54
0.100
O
1.4
0.055
P
0.7
0.028
Marking : type number
Weight : 1.4 g
®
Z0410xE/F
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com