Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5016 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB5016
Description  Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5016 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB5016 Datasheet HTML 1Page - Cirrus Logic CDB5016 Datasheet HTML 2Page - Cirrus Logic CDB5016 Datasheet HTML 3Page - Cirrus Logic CDB5016 Datasheet HTML 4Page - Cirrus Logic CDB5016 Datasheet HTML 5Page - Cirrus Logic CDB5016 Datasheet HTML 6Page - Cirrus Logic CDB5016 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Initiating Conversions
A negative transition on the converter’s HOLD
pin places the device’s analog input into the hold
mode and initiates a conversion cycle. On the
CDB5012, CDB5012A, CDB5014, CDB5016,
this input can be generated by one of two means.
First, it can be supplied through the BNC coaxial
connector appropriately labeled HOLD. Alterna-
tively, switch position 4 of the DIP-switch can be
placed in the on position, thus looping the con-
verter’s EOT output back to HOLD. This results
in continuous conversions at a fraction of the
master clock frequency (see "synchronous opera-
tion" in the converter’s data sheet).
The A/D converter’s EOT output is an indicator
of its acquisition status; it falls when the analog
input has been acquired to the specified accuracy.
If an external sampling clock is applied to the
HOLD BNC connector, care must similarly be
taken to obey the converter’s acquisition and
maximum sampling rate requirements. A more
detailed discussion of acquisition and throughput
can be found in the converter’s data sheet.
T h e CDB5 01 2, CDB5 012A, C D B5014,
CDB5016 is shipped from the factory without the
HOLD BNC input terminated for operation with
an external sampling clock. However, location
R23 is reserved for the insertion of a 51
Ω resis-
tor to eliminate reflections of the incoming clock
signal.
Voltage Reference Circuitry
T h e CDB5 01 2, CDB5 012A, C D B5014,
CDB5016 features an adjustable voltage refer-
ence which allows characterization over a wide
range of reference voltages. The circuitry consists
of a 2.5V voltage reference (1403) and an adjust-
able gain block with a discrete output stage (Figure
3). The output stage minimizes the output’s head-
room requirements allowing the reference voltage to
come within 300mV of the positive supply.
The coarse and fine trim potentiometers are fac-
tory calibrated to a reference voltage of 4.5V (a
table of output code values for a reference volt-
age of 4.5V appears in the CS5012, CS5012A,
CS5014, CS5016 data sheets). When calibrating
the reference, the voltage should be measured di-
rectly at the VREF input (pin 28) or at the un-
grounded lead of decoupling capacitor C9.
ON
Unipolar
Normal Operation
Interleaved Cal
Continuous Conversion
OFF
Bipolar
Burst Cal *
Normal
Normal
Position 1
Position 2
Position 3
Position 4
* NOTE: Use of BURST CAL is not recommended.
Figure 2. DIP-Switch Definitions
+
-
R14
C13
R15
Q1
R17
R16
C14
R18
U3
C8
VREF
VA+
Coarse
Adjust
C9
U2
+
OP-07
1403
R21
R22
R19
R20
Trim
Fine
Figure 3. Voltage Reference Circuitry
CDB5012, CDB5012A, CDB5014, CDB5016
3
DS14DB11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com