Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5461 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB5461
Description  Evaluation Board and Software
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5461 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB5461 Datasheet HTML 1Page - Cirrus Logic CDB5461 Datasheet HTML 2Page - Cirrus Logic CDB5461 Datasheet HTML 3Page - Cirrus Logic CDB5461 Datasheet HTML 4Page - Cirrus Logic CDB5461 Datasheet HTML 5Page - Cirrus Logic CDB5461 Datasheet HTML 6Page - Cirrus Logic CDB5461 Datasheet HTML 7Page - Cirrus Logic CDB5461 Datasheet HTML 8Page - Cirrus Logic CDB5461 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
CDB5461
4
1. HARDWARE
1.1 Introduction
The CDB5461 evaluation board provides a
quick means of evaluating the CS5461 Power
Meter IC.
The CDB5461 evaluation board’s
analog section operates from a single +5V
power supply. The evaluation board interfaces
the CS5461 to an IBM® compatible PC via an
RS-232 interface. Additional analysis software
provides easy access to the internal registers
of the CS5461, and provides a means to mea-
sure and display the performance in the time
and frequency domains.
1.2 Evaluation Board Overview
The board is partitioned into two main sec-
tions: analog and digital. The analog section
consists of the CS5461 and a precision volt-
age reference. The digital section consists of
the 8051 microcontroller, 32 Kilobytes of
SRAM, the hardware test switches, the reset
circuitry, and the RS-232 interface. The board
also has a user friendly power supply connec-
tion.
1.2.1 Analog Section
The CS5461 is designed to accurately mea-
sure and calculate: Energy, Instantaneous
Power, IRMS, and VRMS while operating from a
4.096 MHz crystal.
As shown in Figure 9,
there are four BNC connectors (J6, J7, J8, J9)
provided for converter input connections. A
Shunt Sensor or Current Transformer can be
connected to the converter’s current inputs via
J9 (IIN+) and J8 (IIN-). A voltage divider can
be connected to the converter’s voltage input
via J6 (VIN+) and J7 (VIN-). A simple RC net-
work filters the sensor’s output to reduce any
interference picked up by the input leads. The
3 dB corner of the filter is approximately
50 kHz differential and common mode.
The evaluation board provides three voltage
reference options:
On-chip, On-board, and Ex-
ternal, as shown in Figure 9. Table 1 illustrates
the options available. With J18’s jumpers in
position REFOUT, the CS5461’s on-chip refer-
ence provides 2.5V. With J18’s jumpers in po-
sition LT1019, the LT1019 provides 2.5V (the
LT1019 was chosen for its low drift, typically
5 ppm/°C). If needed R29 can be populated
and use to dial-in a specific reference voltage
just above or below 2.5V. By setting J18’s
jumpers to position REF+, VREFIN will be set
to the external voltage at J26’s REF+ and VA-
inputs.
The CS5461 serial interfaces are
SPITM and
MicrowireTM compatible. The interface control
lines (CS, SDI, SDO, and SCLK) are connect-
ed to the 8051 microcontroller via Port 1. To in-
terface an external microcontroller, these
control lines are also connected to J19 (Head-
er 19). However to accomplish this, the evalu-
ation board must be modified in one of three
ways: 1) cut the interface control traces going
to the microcontroller, 2) remove resistors 24,
23, 22, and 21, or 3) remove the microcontrol-
ler.
Reference
Description
J18
LT1019
Selects on board
LT1019 Reference
(5ppm/
°C)
REF+
Selects external
reference
REFOUT
Selects the reference
supplied by CS5461
Table 1. Reference Selection
O O LT1019
O O REF+
O O REFOUT
O O LT1019
O O REF+
O O REFOUT
O O LT1019
O O REF+
O O REFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com